Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 124 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 124 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 120Page - Infineon Technologies AG XC888LM Datasheet HTML 121Page - Infineon Technologies AG XC888LM Datasheet HTML 122Page - Infineon Technologies AG XC888LM Datasheet HTML 123Page - Infineon Technologies AG XC888LM Datasheet HTML 124Page - Infineon Technologies AG XC888LM Datasheet HTML 125Page - Infineon Technologies AG XC888LM Datasheet HTML 126Page - Infineon Technologies AG XC888LM Datasheet HTML 127Page - Infineon Technologies AG XC888LM Datasheet HTML 128Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
117
V0.9, 2006-12
Switched
capacitance at the
analog voltage
inputs
C
AINSW
CC –
5
7
pF
2)4)
Input resistance of
the reference input
R
AREF
CC –
1
2
k
Ω
2)
Input resistance of
the selected analog
channel
R
AIN
CC –
1
1.5
k
Ω
2)
1) TUE is tested at
V
AREF =5.0 V, VAGND =0V, VDDP =5.0 V.
2) Not subject to production test, verified by design/characterization
3) This represents an equivalent switched capacitance. This capacitance is not switched to the reference voltage
at once. Instead of this, smaller capacitances are successively switched to the reference voltage.
4) The sampling capacity of the conversion C-Network is pre-charged to
V
AREF/2 before connecting the input to
the C-Network. Because of the parasitic elements, the voltage measured at ANx is lower than
V
AREF/2.
Table 41
ADC Characteristics (Operating Conditions apply;
V
DDP = 5V Range)
Parameter
Symbol
Limit Values
Unit Test Conditions/
Remarks
min.
typ .
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com