Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 77Page - Infineon Technologies AG XC888LM Datasheet HTML 78Page - Infineon Technologies AG XC888LM Datasheet HTML 79Page - Infineon Technologies AG XC888LM Datasheet HTML 80Page - Infineon Technologies AG XC888LM Datasheet HTML 81Page - Infineon Technologies AG XC888LM Datasheet HTML 82Page - Infineon Technologies AG XC888LM Datasheet HTML 83Page - Infineon Technologies AG XC888LM Datasheet HTML 84Page - Infineon Technologies AG XC888LM Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
74
V0.9, 2006-12
PLL Mode
The system clock is derived from the oscillator clock, multiplied by the N factor, and
divided by the P and K factors. Both VCO bypass and PLL bypass must be inactive for
this PLL mode. The PLL mode is used during normal system operation.
(3.3)
System Frequency Selection
For the XC886/888, the value of P is fixed to 1. In order to obtain the required fsys, the
value of N and K can be selected by bits NDIV and KDIV respectively for different
oscillator inputs. The output frequency must always be configured for 96 MHz. Table 24
provides examples on how
f
sys = 96 MHz can be obtained for the different oscillator
sources.
Table 24
System frequency (
f
sys =96MHz)
Oscillator
Fosc
N
P
K
Fsys
On-chip
9.6 MHz
20
1
2
96 MHz
External
8 MHz
24
1
2
96 MHz
6 MHz
32
1
2
96 MHz
4 MHz
48
1
2
96 MHz
f
SYS
f
OSC
N
PK
×
-------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com