Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 61 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 61 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 57Page - Infineon Technologies AG XC888LM Datasheet HTML 58Page - Infineon Technologies AG XC888LM Datasheet HTML 59Page - Infineon Technologies AG XC888LM Datasheet HTML 60Page - Infineon Technologies AG XC888LM Datasheet HTML 61Page - Infineon Technologies AG XC888LM Datasheet HTML 62Page - Infineon Technologies AG XC888LM Datasheet HTML 63Page - Infineon Technologies AG XC888LM Datasheet HTML 64Page - Infineon Technologies AG XC888LM Datasheet HTML 65Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
54
V0.9, 2006-12
Figure 11
Flash Bank Sectorization
The internal structure of each Flash bank represents a sector architecture for flexible
erase capability. The minimum erase width is always a complete sector, and sectors can
be erased separately or in parallel. Contrary to standard EPROMs, erased Flash
memory cells contain 0s.
The D-Flash bank is divided into more physical sectors for extended erasing and
reprogramming capability; even numbers for each sector size are provided to allow
greater flexibility and the ability to adapt to a wide range of application requirements.
3.3.2
Parallel Read Access of P-Flash
To enhance system performance, the P-Flash banks are configured for parallel read to
allow two bytes of linear code to be read in 4 x CCLK cycles, compared to 6 x CCLK
cycles if serial read is performed. This is achieved by reading two bytes in parallel from
a P-Flash bank pair within the 3 x CCLK cycles access time and storing them in a cache.
Subsequent read from the cache by the CPU does not require a wait state and can be
completed within 1 x CCLK cycle. The result is the average instruction fetch time from
the P-Flash banks is reduced and thus, the MIPS (Mega Instruction Per Second) of the
system is increased.
However, if the parallel read feature is not desired due to certain timing constraints, it can
be disabled by calling the parallel read disable subroutine.
Sector 9: 128-byte
Sector 5: 256-byte
Sector 3: 512-byte
Sector 1: 1-Kbyte
Sector 0: 1-Kbyte
Sector 7: 128-byte
Sector 8: 128-byte
Sector 6: 128-byte
Sector 4: 256-byte
Sector 2: 512-byte
Sector 0: 3.75-Kbyte
P-Flash
D-Flash
Sector 2: 128-byte
Sector 1: 128-byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com