Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 76 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 76 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 72Page - Infineon Technologies AG XC888LM Datasheet HTML 73Page - Infineon Technologies AG XC888LM Datasheet HTML 74Page - Infineon Technologies AG XC888LM Datasheet HTML 75Page - Infineon Technologies AG XC888LM Datasheet HTML 76Page - Infineon Technologies AG XC888LM Datasheet HTML 77Page - Infineon Technologies AG XC888LM Datasheet HTML 78Page - Infineon Technologies AG XC888LM Datasheet HTML 79Page - Infineon Technologies AG XC888LM Datasheet HTML 80Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
69
V0.9, 2006-12
3.7
Reset Control
The XC886/888 has five types of reset: power-on reset, hardware reset, watchdog timer
reset, power-down wake-up reset, and brownout reset.
When the XC886/888 is first powered up, the status of certain pins (see Table 23) must
be defined to ensure proper start operation of the device. At the end of a reset sequence,
the sampled values are latched to select the desired boot option, which cannot be
modified until the next power-on reset or hardware reset. This guarantees stable
conditions during the normal operation of the device.
In order to power up the system properly, the external reset pin RESET must be asserted
until
V
DDC reaches 0.9*VDDC. The delay of external reset can be realized by an external
capacitor at RESET pin. This capacitor value must be selected so that
V
RESET reaches
0.4 V, but not before
V
DDC reaches 0.9* VDDC.
A typical application example is shown in Figure 22. The
V
DDP capacitor value is 100 nF
while the
V
DDC capacitor value is 220 nF. The capacitor connected to RESET pin is
100 nF.
Typically, the time taken for
V
DDC to reach 0.9*VDDC is less than 50 µs once VDDP reaches
2.3V. Hence, based on the condition that 10% to 90%
V
DDP (slew rate) is less than
500
µs, the RESET pin should be held low for 500 µs typically. See Figure 23.
Figure 22
Reset Circuitry
V
SSP
V
DDP
V
DDC
V
SSC
3.3 / 5V
RESET
EVR
VR
V
IN
100nF
220nF
typ.
100nF
XC886/888
30k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com