Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 85Page - Infineon Technologies AG XC888LM Datasheet HTML 86Page - Infineon Technologies AG XC888LM Datasheet HTML 87Page - Infineon Technologies AG XC888LM Datasheet HTML 88Page - Infineon Technologies AG XC888LM Datasheet HTML 89Page - Infineon Technologies AG XC888LM Datasheet HTML 90Page - Infineon Technologies AG XC888LM Datasheet HTML 91Page - Infineon Technologies AG XC888LM Datasheet HTML 92Page - Infineon Technologies AG XC888LM Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
82
V0.9, 2006-12
Figure 29
WDT Timing Diagram
Table 27 lists the possible watchdog time ranges that can be achieved using a certain
module clock. Some numbers are rounded to 3 significant digits.
Table 27
Watchdog Time Ranges
Reload value
In WDTREL
Prescaler for
f
PCLK
2 (WDTIN = 0)
128 (WDTIN = 1)
24 MHz
24 MHz
FF
H
21.3
µs1.37 ms
7F
H
2.75 ms
176 ms
00
H
5.46 ms
350 ms
WDTREL
WDTWINB
time
Count
FFFF
H
No refresh
allowed
Refresh allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com