Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 39Page - Infineon Technologies AG XC888LM Datasheet HTML 40Page - Infineon Technologies AG XC888LM Datasheet HTML 41Page - Infineon Technologies AG XC888LM Datasheet HTML 42Page - Infineon Technologies AG XC888LM Datasheet HTML 43Page - Infineon Technologies AG XC888LM Datasheet HTML 44Page - Infineon Technologies AG XC888LM Datasheet HTML 45Page - Infineon Technologies AG XC888LM Datasheet HTML 46Page - Infineon Technologies AG XC888LM Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
36
V0.9, 2006-12
3.2.4.5
WDT Registers
The WDT SFRs can be accessed in the mapped memory area (RMAP = 1).
BEH
COCON
Reset: 00H
Clock Output Control Register
Bit Field
0
TLEN
COUT
S
COREL
Type
r
rw
rw
rw
E9H
MISC_CON
Reset: 00H
Miscellaneous Control Register
Bit Field
0
DFLAS
HEN
Type
r
rwh
RMAP = 0, PAGE 3
B3H
XADDRH
Reset: F0H
On-chip XRAM Address Higher
Order
Bit Field
ADDRH
Type
rw
B4H
IRCON3
Reset: 00H
Interrupt Request Register 3
Bit Field
0
CANS
RC5
CCU6
SR1
0
CANS
RC4
CCU6
SR0
Type
r
rwh
rwh
r
rwh
rwh
B5H
IRCON4
Reset: 00H
Interrupt Request Register 4
Bit Field
0
CANS
RC7
CCU6
SR3
0
CANS
RC6
CCU6
SR2
Type
r
rwh
rwh
r
rwh
rwh
B7H
MODPISEL1
Reset: 00H
Peripheral Input Select Register
1
Bit Field
EXINT
6IS
0
UR1RIS
T21EX
IS
JTAGT
DIS1
JTAGT
CKS1
Type
rw
r
rw
rw
rw
rw
BAH
MODPISEL2
Reset: 00H
Peripheral Input Select Register
2
Bit Field
0
T21IS
T2IS
T1IS
T0IS
Type
r
rw
rw
rw
rw
BBH
PMCON2
Reset: 00H
Power Mode Control Register 2
Bit Field
0
UART
1_DIS
T21_D
IS
Type
r
rw
rw
BDH
MODSUSP
Reset: 01H
Module Suspend Control
Register
Bit Field
0
T21SU
SP
T2SUS
P
T13SU
SP
T12SU
SP
WDTS
USP
Type
r
rw
rw
rw
rw
rw
Table 9
WDT Register Overview
Addr Register Name
Bit
7
6
5
4
3
2
1
0
RMAP = 1
BBH
WDTCON
Reset: 00H
Watchdog Timer Control
Register
Bit Field
0
WINB
EN
WDTP
R
0
WDTE
N
WDTR
S
WDTI
N
Type
r
rw
rh
r
rw
rwh
rw
BCH
WDTREL
Reset: 00H
Watchdog Timer Reload
Register
Bit Field
WDTREL
Type
rw
BDH
WDTWINB
Reset: 00H
Watchdog Window-Boundary
Count Register
Bit Field
WDTWINB
Type
rw
Table 8
SCU Register Overview (cont’d)
Addr Register Name
Bit
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com