Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 51Page - Infineon Technologies AG XC888LM Datasheet HTML 52Page - Infineon Technologies AG XC888LM Datasheet HTML 53Page - Infineon Technologies AG XC888LM Datasheet HTML 54Page - Infineon Technologies AG XC888LM Datasheet HTML 55Page - Infineon Technologies AG XC888LM Datasheet HTML 56Page - Infineon Technologies AG XC888LM Datasheet HTML 57Page - Infineon Technologies AG XC888LM Datasheet HTML 58Page - Infineon Technologies AG XC888LM Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
48
V0.9, 2006-12
3.2.4.11
UART1 Registers
The UART1 SFRs can be accessed in the mapped memory area (RMAP = 1).
FEH
CCU6_CMPSTATL
Reset: 00H
Compare State Register Low
Bit Field
0
CC63
ST
CC
POS2
CC
POS1
CC
POS0
CC62
ST
CC61
ST
CC60
ST
Type
r
rhrhrh
rhrh
rhrh
FFH
CCU6_CMPSTATH
Reset: 00H
Compare State Register High
Bit Field
T13IM
COUT
63PS
COUT
62PS
CC62
PS
COUT
61PS
CC61
PS
COUT
60PS
CC60
PS
Type
rwh
rwh
rwh
rwh
rwh
rwh
rwh
rwh
Table 15
UART1 Register Overview
Addr Register Name
Bit
7
6
5
4
3
2
1
0
RMAP = 1
C8H
SCON
Reset: 00H
Serial Channel Control Register
Bit Field
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
Type
rw
rw
rw
rw
rw
rwh
rwh
rwh
C9H
SBUF
Reset: 00H
Serial Data Buffer Register
Bit Field
VAL
Type
rwh
CAH
BCON
Reset: 00H
Baud Rate Control Register
Bit Field
0
BRPRE
R
Type
r
rw
rw
CBH
BG
Reset: 00H
Baud Rate Timer/Reload
Register
Bit Field
BR_VALUE
Type
rwh
CCH
FDCON
Reset: 00H
Fractional Divider Control
Register
Bit Field
0
NDOV
FDM
FDEN
Type
r
rwh
rw
rw
CDH
FDSTEP
Reset: 00H
Fractional Divider Reload
Register
Bit Field
STEP
Type
rw
CEH
FDRES
Reset: 00H
Fractional Divider Result
Register
Bit Field
RESULT
Type
rh
Table 14
CCU6 Register Overview (cont’d)
Addr Register Name
Bit
765
43210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com