Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 56 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 56 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 52Page - Infineon Technologies AG XC888LM Datasheet HTML 53Page - Infineon Technologies AG XC888LM Datasheet HTML 54Page - Infineon Technologies AG XC888LM Datasheet HTML 55Page - Infineon Technologies AG XC888LM Datasheet HTML 56Page - Infineon Technologies AG XC888LM Datasheet HTML 57Page - Infineon Technologies AG XC888LM Datasheet HTML 58Page - Infineon Technologies AG XC888LM Datasheet HTML 59Page - Infineon Technologies AG XC888LM Datasheet HTML 60Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
49
V0.9, 2006-12
3.2.4.12
SSC Registers
The SSC SFRs can be accessed in the standard memory area (RMAP = 0).
3.2.4.13
MultiCAN Registers
The MultiCAN SFRs can be accessed in the standard memory area (RMAP = 0).
Table 16
SSC Register Overview
Addr Register Name
Bit
7
6
5
4
3
2
1
0
RMAP = 0
A9H
SSC_PISEL
Reset: 00H
Port Input Select Register
Bit Field
0
CIS
SIS
MIS
Type
r
rw
rw
rw
AAH
SSC_CONL
Reset: 00H
Control Register Low
Programming Mode
Bit Field
LB
PO
PH
HB
BM
Type
rw
rw
rw
rw
rw
AAH
SSC_CONL
Reset: 00H
Control Register Low
Operating Mode
Bit Field
0
BC
Type
r
rh
ABH
SSC_CONH
Reset: 00H
Control Register High
Programming Mode
Bit Field
EN
MS
0
AREN
BEN
PEN
REN
TEN
Type
rw
rw
r
rw
rw
rw
rw
rw
ABH
SSC_CONH
Reset: 00H
Control Register High
Operating Mode
Bit Field
EN
MS
0
BSY
BE
PE
RE
TE
Type
rw
rw
r
rh
rwh
rwh
rwh
rwh
ACH
SSC_TBL
Reset: 00H
Transmitter Buffer Register Low
Bit Field
TB_VALUE
Type
rw
ADH
SSC_RBL
Reset: 00H
Receiver Buffer Register Low
Bit Field
RB_VALUE
Type
rh
AEH
SSC_BRL
Reset: 00H
Baud Rate Timer Reload
Register Low
Bit Field
BR_VALUE
Type
rw
AFH
SSC_BRH
Reset: 00H
Baud Rate Timer Reload
Register High
Bit Field
BR_VALUE
Type
rw
Table 17
CAN Register Overview
Addr Register Name
Bit
7
6
5
4
3
2
1
0
RMAP = 0
D8H
ADCON
Reset: 00H
CAN Address/Data Control
Register
Bit Field
V3
V2
V1
V0
AUAD
BSY
RWEN
Type
rw
rw
rw
rw
rw
rh
rw
D9H
ADL
Reset: 00H
CAN Address Register Low
Bit Field
CA9
CA8
CA7
CA6
CA5
CA4
CA3
CA2
Type
rwh
rwh
rwh
rwh
rwh
rwh
rwh
rwh
DAH
ADH
Reset: 00H
CAN Address Register High
Bit Field
0
CA13
CA12
CA11
CA10
Type
r
rwh
rwh
rwh
rwh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com