Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 94 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 94 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 90Page - Infineon Technologies AG XC888LM Datasheet HTML 91Page - Infineon Technologies AG XC888LM Datasheet HTML 92Page - Infineon Technologies AG XC888LM Datasheet HTML 93Page - Infineon Technologies AG XC888LM Datasheet HTML 94Page - Infineon Technologies AG XC888LM Datasheet HTML 95Page - Infineon Technologies AG XC888LM Datasheet HTML 96Page - Infineon Technologies AG XC888LM Datasheet HTML 97Page - Infineon Technologies AG XC888LM Datasheet HTML 98Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
87
V0.9, 2006-12
The following formulas calculate the final baud rate without and with the fractional divider
respectively:
(3.5)
(3.6)
The maximum baud rate that can be generated is limited to
f
PCLK/32. Hence, for a module
clock of 24 MHz, the maximum achievable baud rate is 0.75 MBaud.
Standard LIN protocol can support a maximum baud rate of 20 kHz, the baud rate
accuracy is not critical and the fractional divider can be disabled. Only the prescaler is
used for auto baud rate calculation. For LIN fast mode, which supports the baud rate of
20 kHz to 115.2 kHz, the higher baud rates require the use of the fractional divider for
greater accuracy.
Table 30 lists the various commonly used baud rates with their corresponding parameter
settings and deviation errors. The fractional divider is disabled and a module clock of
24 MHz is used.
The fractional divider allows baud rates of higher accuracy (lower deviation error) to be
generated. Table 31 lists the resulting deviation errors from generating a baud rate of
115.2 kHz, using different module clock frequencies. The fractional divider is enabled
(fractional divider mode) and the corresponding parameter settings are shown.
Table 30
Typical Baud rates for UART with Fractional Divider disabled
Baud rate
Prescaling Factor
(2BRPRE)
Reload Value
(BR_VALUE + 1)
Deviation Error
19.2 kBaud
1 (BRPRE=000
B)
78 (4E
H)0.17 %
9600 Baud
1 (BRPRE=000
B)
156 (9C
H)0.17 %
4800 Baud
2 (BRPRE=001
B)
156 (9C
H)0.17 %
2400 Baud
4 (BRPRE=010
B)
156 (9C
H)0.17 %
baud rate
f
PCLK
16
2
BRPRE
BR_VALUE
1
+
()
×
×
------------------------------------------------------------------------------------ where 2
BRPRE
BR_VALUE
1
+
() 1
>
×
=
baud rate
f
PCLK
16
2
BRPRE
BR_VALUE
1
+
()
×
×
------------------------------------------------------------------------------------
STEP
256
---------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com