Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 50Page - Infineon Technologies AG XC888LM Datasheet HTML 51Page - Infineon Technologies AG XC888LM Datasheet HTML 52Page - Infineon Technologies AG XC888LM Datasheet HTML 53Page - Infineon Technologies AG XC888LM Datasheet HTML 54Page - Infineon Technologies AG XC888LM Datasheet HTML 55Page - Infineon Technologies AG XC888LM Datasheet HTML 56Page - Infineon Technologies AG XC888LM Datasheet HTML 57Page - Infineon Technologies AG XC888LM Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
47
V0.9, 2006-12
FBH
CCU6_TCTR2H
Reset: 00H
Timer Control Register 2 High
Bit Field
0
T13RSEL
T12RSEL
Type
r
rw
rw
FCH
CCU6_MODCTRL
Reset: 00H
Modulation Control Register Low
Bit Field
MCM
EN
0
T12MODEN
Type
rw
r
rw
FDH
CCU6_MODCTRH
Reset: 00H
Modulation Control Register High
Bit Field
ECT1
3O
0
T13MODEN
Type
rw
r
rw
FEH
CCU6_TRPCTRL
Reset: 00H
Trap Control Register Low
Bit Field
0
TRPM
2
TRPM
1
TRPM
0
Type
r
rw
rw
rw
FFH
CCU6_TRPCTRH
Reset: 00H
Trap Control Register High
Bit Field
TRPP
EN
TRPE
N13
TRPEN
Type
rw
rw
rw
RMAP = 0, PAGE 3
9AH
CCU6_MCMOUTL
Reset: 00H
Multi-Channel Mode Output Register
Low
Bit Field
0
R
MCMP
Type
r
rh
rh
9BH
CCU6_MCMOUTH
Reset: 00H
Multi-Channel Mode Output Register
High
Bit Field
0
CURH
EXPH
Type
r
rh
rh
9CH
CCU6_ISL
Reset: 00H
Capture/Compare Interrupt Status
Register Low
Bit Field
T12
PM
T12
OM
ICC62
F
ICC62
R
ICC61
F
ICC61
R
ICC60
F
ICC60
R
Type
rh
rh
rh
rh
rh
rh
rh
rh
9DH
CCU6_ISH
Reset: 00H
Capture/Compare Interrupt Status
Register High
Bit Field
STR
IDLE
WHE
CHE
TRPS
TRPF
T13
PM
T13
CM
Type
rh
rh
rh
rh
rh
rh
rh
rh
9EH
CCU6_PISEL0L
Reset: 00H
Port Input Select Register 0 Low
Bit Field
ISTRP
ISCC62
ISCC61
ISCC60
Type
rw
rw
rw
rw
9FH
CCU6_PISEL0H
Reset: 00H
Port Input Select Register 0 High
Bit Field
IST12HR
ISPOS2
ISPOS1
ISPOS0
Type
rw
rw
rw
rw
A4H
CCU6_PISEL2
Reset: 00H
Port Input Select Register 2
Bit Field
0
IST13HR
Type
r
rw
FAH
CCU6_T12L
Reset: 00H
Timer T12 Counter Register Low
Bit Field
T12CVL
Type
rwh
FBH
CCU6_T12H
Reset: 00H
Timer T12 Counter Register High
Bit Field
T12CVH
Type
rwh
FCH
CCU6_T13L
Reset: 00H
Timer T13 Counter Register Low
Bit Field
T13CVL
Type
rwh
FDH
CCU6_T13H
Reset: 00H
Timer T13 Counter Register High
Bit Field
T13CVH
Type
rwh
Table 14
CCU6 Register Overview (cont’d)
Addr Register Name
Bit
765
43210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com