Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 75 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 75 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 71Page - Infineon Technologies AG XC888LM Datasheet HTML 72Page - Infineon Technologies AG XC888LM Datasheet HTML 73Page - Infineon Technologies AG XC888LM Datasheet HTML 74Page - Infineon Technologies AG XC888LM Datasheet HTML 75Page - Infineon Technologies AG XC888LM Datasheet HTML 76Page - Infineon Technologies AG XC888LM Datasheet HTML 77Page - Infineon Technologies AG XC888LM Datasheet HTML 78Page - Infineon Technologies AG XC888LM Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
68
V0.9, 2006-12
3.6
Power Supply System with Embedded Voltage Regulator
The XC886/888 microcontroller requires two different levels of power supply:
•
3.3 V or 5.0 V for the Embedded Voltage Regulator (EVR) and Ports
•
2.5 V for the core, memory, on-chip oscillator, and peripherals
Figure 21 shows the XC886/888 power supply system. A power supply of 3.3 V or 5.0 V
must be provided from the external power supply pin. The 2.5 V power supply for the
logic is generated by the EVR. The EVR helps to reduce the power consumption of the
whole chip and the complexity of the application board design.
The EVR consists of a main voltage regulator and a low power voltage regulator. In
active mode, both voltage regulators are enabled. In power-down mode, the main
voltage regulator is switched off, while the low power voltage regulator continues to
function and provide power supply to the system with low power consumption.
Figure 21
XC886/888 Power Supply System
EVR Features
•
Input voltage (
V
DDP): 3.3 V/5.0 V
•
Output voltage (
V
DDC): 2.5 V ± 7.5%
•
Low power voltage regulator provided in power-down mode
•
V
DDC and VDDP prewarning detection
•
V
DDC brownout detection
On-chip
OSC
CPU &
Memory
V
DDC
(2.5V)
V
DDP (3.3V/5.0V)
V
SSP
GPIO Ports
(P0-P5)
EVR
Peripheral
logic
FLASH
ADC
PLL
XTAL1&
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com