Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 37Page - Infineon Technologies AG XC888LM Datasheet HTML 38Page - Infineon Technologies AG XC888LM Datasheet HTML 39Page - Infineon Technologies AG XC888LM Datasheet HTML 40Page - Infineon Technologies AG XC888LM Datasheet HTML 41Page - Infineon Technologies AG XC888LM Datasheet HTML 42Page - Infineon Technologies AG XC888LM Datasheet HTML 43Page - Infineon Technologies AG XC888LM Datasheet HTML 44Page - Infineon Technologies AG XC888LM Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
34
V0.9, 2006-12
3.2.4.4
System Control Registers
The system control SFRs can be accessed in the mapped memory area (RMAP = 0).
A0H
CD_STATC
Reset: 00H
CORDIC Status and Data
Control Register
Bit Field
KEEP
Z
KEEP
Y
KEEP
X
DMAP
INT_E
N
EOC
ERRO
R
BSY
Type
rw
rw
rw
rw
rw
rwh
rh
rh
A1H
CD_CON
Reset: 00H
CORDIC Control Register
Bit Field
MPS
X_USI
GN
ST_M
ODE
ROTV
EC
MODE
ST
Type
rw
rw
rw
rw
rw
rwh
Table 8
SCU Register Overview
Addr Register Name
Bit
7
6
5
4
3
2
1
0
RMAP = 0 or 1
8FH
SYSCON0
Reset: 04H
System Control Register 0
Bit Field
0
IMOD
E
0
1
0
RMAP
Type
r
rw
r
r
r
rw
RMAP = 0
BFH
SCU_PAGE
Reset: 00H
Page Register
Bit Field
OP
STNR
0
PAGE
Type
w
w
r
rw
RMAP = 0, PAGE 0
B3H
MODPISEL
Reset: 00H
Peripheral Input Select Register
Bit Field
0
URRIS
H
JTAGT
DIS
JTAGT
CKS
EXINT
2IS
EXINT
1IS
EXINT
0IS
URRIS
Type
r
rwrw
rw
rwrw
rw
rw
B4H
IRCON0
Reset: 00H
Interrupt Request Register 0
Bit Field
0
EXINT
6
EXINT
5
EXINT
4
EXINT
3
EXINT
2
EXINT
1
EXINT
0
Type
r
rwh
rwh
rwh
rwh
rwh
rwh
rwh
B5H
IRCON1
Reset: 00H
Interrupt Request Register 1
Bit Field
0
CANS
RC2
CANS
RC1
ADCS
R1
ADCS
R0
RIR
TIR
EIR
Type
r
rwh
rwh
rwh
rwh
rwh
rwh
rwh
B6H
IRCON2
Reset: 00H
Interrupt Request Register 2
Bit Field
0
CANS
RC3
0
CANS
RC0
Type
rrwh
rrwh
B7H
EXICON0
Reset: F0H
External Interrupt Control
Register 0
Bit Field
EXINT3
EXINT2
EXINT1
EXINT0
Type
rw
rw
rw
rw
BAH
EXICON1
Reset: 3FH
External Interrupt Control
Register 1
Bit Field
0
EXINT6
EXINT5
EXINT4
Type
r
rwrwrw
BBH
NMICON
Reset: 00H
NMI Control Register
Bit Field
0
NMI
ECC
NMI
VDDP
NMI
VDD
NMI
OCDS
NMI
FLASH
NMI
PLL
NMI
WDT
Type
r
rwrw
rw
rwrw
rw
rw
Table 7
CORDIC Register Overview (cont’d)
Addr Register Name
Bit
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com