Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 7Page - Infineon Technologies AG XC888LM Datasheet HTML 8Page - Infineon Technologies AG XC888LM Datasheet HTML 9Page - Infineon Technologies AG XC888LM Datasheet HTML 10Page - Infineon Technologies AG XC888LM Datasheet HTML 11Page - Infineon Technologies AG XC888LM Datasheet HTML 12Page - Infineon Technologies AG XC888LM Datasheet HTML 13Page - Infineon Technologies AG XC888LM Datasheet HTML 14Page - Infineon Technologies AG XC888LM Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 144 page
background image
XC886/888CLM
Summary of Features
Data Sheet
4
V0.9, 2006-12
Note: The asterisk (*) above denotes the device configuration letters from Table 1.
Corresponding ROM derivatives will be available on request.
As this document refers to all the derivatives, some description may not apply to a
specific product. For simplicity, all versions are referred to by the term XC886/888
throughout this document.
Ordering Information
The ordering code for Infineon Technologies microcontrollers provides an exact
reference to the required product. This ordering code identifies:
•
The derivative itself, i.e. its function set, the temperature range, and the supply
voltage
•
The package and the type of delivery
For the available ordering codes for the XC886/888, please refer to your responsible
sales representative or your local distributor.
Note: The ordering codes for the Mask-ROM versions are defined for each product after
verification of the respective ROM code.
SAF-XC886*/888*-8FFA 3V3 Flash
32
3.3
-40 to 85
Automotive
SAF-XC886*/888*-6FFA 3V3 Flash
24
3.3
-40 to 85
Automotive
SAF-XC886*/888*-8FFI 3V3
Flash
32
3.3
-40 to 85
Industrial
SAF-XC886*/888*-6FFI 3V3
Flash
24
3.3
-40 to 85
Industrial
Table 2
Device Profile (cont’d)
Sales Type
Device
Type
Program
Memory
(Kbytes)
Power
Supply
(V)
Temp-
erature
Profile (
°C)
Quality
Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com