Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 28Page - Infineon Technologies AG XC888LM Datasheet HTML 29Page - Infineon Technologies AG XC888LM Datasheet HTML 30Page - Infineon Technologies AG XC888LM Datasheet HTML 31Page - Infineon Technologies AG XC888LM Datasheet HTML 32Page - Infineon Technologies AG XC888LM Datasheet HTML 33Page - Infineon Technologies AG XC888LM Datasheet HTML 34Page - Infineon Technologies AG XC888LM Datasheet HTML 35Page - Infineon Technologies AG XC888LM Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
25
V0.9, 2006-12
Note: The RMAP bit should be cleared/set by ANL or ORL instructions.
3.2.2.2
Address Extension by Paging
Address extension is further performed at the module level by paging. With the address
extension by mapping, the XC886/888 has a 256-SFR address range. However, this is
still less than the total number of SFRs needed by the on-chip peripherals. To meet this
requirement, some peripherals have a built-in local address extension mechanism for
increasing the number of addressable SFRs. The extended address range is not directly
controlled by the CPU instruction itself, but is derived from bit field PAGE in the module
page register MOD_PAGE. Hence, the bit field PAGE must be programmed before
accessing the SFR of the target module. Each module may contain a different number
of pages and a different number of SFRs per page, depending on the specific
requirement. Besides setting the correct RMAP bit value to select the SFR area, the user
must also ensure that a valid PAGE is selected to target the desired SFR. A page inside
the extended address range can be selected as shown in Figure 9.
SYSCON0
System Control Register 0
Reset Value: 04
H
76543210
0
IMODE
0
1
0
RMAP
r
rw
rrr
rw
Field
Bits
Type Description
RMAP
0rw
Interrupt Node XINTR0 Enable
0
The access to the standard SFR area is
enabled
1
The access to the mapped SFR area is
enabled
1
2r
Reserved
Returns 1 if read; should be written with 1.
0
[7:5],
3,1
r
Reserved
Returns 0 if read; should be written with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com