Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 87 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 87 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 83Page - Infineon Technologies AG XC888LM Datasheet HTML 84Page - Infineon Technologies AG XC888LM Datasheet HTML 85Page - Infineon Technologies AG XC888LM Datasheet HTML 86Page - Infineon Technologies AG XC888LM Datasheet HTML 87Page - Infineon Technologies AG XC888LM Datasheet HTML 88Page - Infineon Technologies AG XC888LM Datasheet HTML 89Page - Infineon Technologies AG XC888LM Datasheet HTML 90Page - Infineon Technologies AG XC888LM Datasheet HTML 91Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
80
V0.9, 2006-12
3.10
Watchdog Timer
The Watchdog Timer (WDT) provides a highly reliable and secure way to detect and
recover from software or hardware failures. The WDT is reset at a regular interval that is
predefined by the user. The CPU must service the WDT within this interval to prevent the
WDT from causing an XC886/888 system reset. Hence, routine service of the WDT
confirms that the system is functioning properly. This ensures that an accidental
malfunction of the XC886/888 will be aborted in a user-specified time period.
In debug mode, the WDT is default suspended and stops counting. Therefore, there is
no need to refresh the WDT during debugging.
Features
•
16-bit Watchdog Timer
•
Programmable reload value for upper 8 bits of timer
•
Programmable window boundary
•
Selectable input frequency of
f
PCLK/2 or fPCLK/128
•
Time-out detection with NMI generation and reset prewarning activation (after which
a system reset will be performed)
The WDT is a 16-bit timer incremented by a count rate of
f
PCLK/2 or fPCLK/128. This 16-bit
timer is realized as two concatenated 8-bit timers. The upper 8 bits of the WDT can be
preset to a user-programmable value via a watchdog service access in order to modify
the watchdog expire time period. The lower 8 bits are reset on each service access.
Figure 28 shows the block diagram of the WDT unit.
Figure 28
WDT Block Diagram
WDTREL
MUX
WDT Low Byte
1:2
Clear
WDT
Control
1:128
WDT High Byte
FNMIWDT
WDTIN
f
PCLK
Logic
ENWDT
ENWDT_P
WDTRST
Overflow/Time-out Control &
Window-boundary control
WDTWINB
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com