Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 94Page - Infineon Technologies AG XC888LM Datasheet HTML 95Page - Infineon Technologies AG XC888LM Datasheet HTML 96Page - Infineon Technologies AG XC888LM Datasheet HTML 97Page - Infineon Technologies AG XC888LM Datasheet HTML 98Page - Infineon Technologies AG XC888LM Datasheet HTML 99Page - Infineon Technologies AG XC888LM Datasheet HTML 100Page - Infineon Technologies AG XC888LM Datasheet HTML 101Page - Infineon Technologies AG XC888LM Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
91
V0.9, 2006-12
3.16
High-Speed Synchronous Serial Interface
The High-Speed Synchronous Serial Interface (SSC) supports full-duplex and
half-duplex synchronous communication. The serial clock signal can be generated by
the SSC internally (master mode), using its own 16-bit baud-rate generator, or can be
received from an external master (slave mode). Data width, shift direction, clock polarity
and phase are programmable. This allows communication with SPI-compatible devices
or devices using other synchronous serial interfaces.
Features
•
Master and slave mode operation
– Full-duplex or half-duplex operation
•
Transmit and receive buffered
•
Flexible data format
– Programmable number of data bits: 2 to 8 bits
– Programmable shift direction: LSB or MSB shift first
– Programmable clock polarity: idle low or high state for the shift clock
– Programmable clock/data phase: data shift with leading or trailing edge of the shift
clock
•
Variable baud rate
•
Compatible with Serial Peripheral Interface (SPI)
•
Interrupt generation
– On a transmitter empty condition
– On a receiver full condition
– On an error condition (receive, phase, baud rate, transmit error)
Data is transmitted or received on lines TXD and RXD, which are normally connected to
the pins MTSR (Master Transmit/Slave Receive) and MRST (Master Receive/Slave
Transmit). The clock signal is output via line MS_CLK (Master Serial Shift Clock) or input
via line SS_CLK (Slave Serial Shift Clock). Both lines are normally connected to the pin
SCLK. Transmission and reception of data are double-buffered.
Figure 32 shows the block diagram of the SSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com