| Electronic Components Datasheet Search |
|
XC888LM Datasheet(PDF) 101 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC888LM Datasheet(HTML) 101 Page - Infineon Technologies AG |
|
101 / 144 page ![]() XC886/888CLM Functional Description Data Sheet 94 V0.9, 2006-12 3.18 Timer 2 and Timer 21 Timer 2 and Timer 21 are 16-bit general purpose timers (THL2) that are fully compatible and have two modes of operation, a 16-bit auto-reload mode and a 16-bit one channel capture mode, see Table 33. As a timer, the timers count with an input clock of PCLK/12 (if prescaler is disabled). As a counter, they count 1-to-0 transitions on pin T2. In the counter mode, the maximum resolution for the count is PCLK/24 (if prescaler is disabled). Table 33 Timer 2 Modes Mode Description Auto-reload Up/Down Count Disabled • Count up only • Start counting from 16-bit reload value, overflow at FFFF H • Reload event configurable for trigger by overflow condition only, or by negative/positive edge at input pin T2EX as well • Programmble reload value in register RC2 • Interrupt is generated with reload event Up/Down Count Enabled • Count up or down, direction determined by level at input pin T2EX • No interrupt is generated • Count up – Start counting from 16-bit reload value, overflow at FFFF H – Reload event triggered by overflow condition – Programmble reload value in register RC2 • Count down – Start counting from FFFF H, underflow at value defined in register RC2 – Reload event triggered by underflow condition – Reload value fixed at FFFF H Channel capture • Count up only • Start counting from 0000 H, overflow at FFFFH • Reload event triggered by overflow condition • Reload value fixed at 0000 H • Capture event triggered by falling/rising edge at pin T2EX • Captured timer value stored in register RC2 • Interrupt is generated with reload or capture event |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |