Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 105 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 105 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 101Page - Infineon Technologies AG XC888LM Datasheet HTML 102Page - Infineon Technologies AG XC888LM Datasheet HTML 103Page - Infineon Technologies AG XC888LM Datasheet HTML 104Page - Infineon Technologies AG XC888LM Datasheet HTML 105Page - Infineon Technologies AG XC888LM Datasheet HTML 106Page - Infineon Technologies AG XC888LM Datasheet HTML 107Page - Infineon Technologies AG XC888LM Datasheet HTML 108Page - Infineon Technologies AG XC888LM Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
98
V0.9, 2006-12
•
CAN functionality according to CAN specification V2.0 B active.
•
Dedicated control registers are provided for each CAN node.
•
A data transfer rate up to 1 MBaud is supported.
•
Flexible and powerful message transfer control and error handling capabilities are
implemented.
•
Advanced CAN bus bit timing analysis and baud rate detection can be performed for
each CAN node via the frame counter.
•
Full-CAN functionality: A set of 32 message objects can be individually
– allocated (assigned) to any CAN node
– configured as transmit or receive object
– setup to handle frames with 11-bit or 29-bit identifier
– counted or assigned a timestamp via a frame counter
– configured to remote monitoring mode
•
Advanced Acceptance Filtering:
– Each message object provides an individual acceptance mask to filter incoming
frames.
– A message object can be configured to accept only standard or only extended
frames or to accept both standard and extended frames.
– Message objects can be grouped into 4 priority classes.
– The selection of the message to be transmitted first can be performed on the basis
of frame identifier, IDE bit and RTR bit according to CAN arbitration rules.
•
Advanced Message Object Functionality:
– Message Objects can be combined to build FIFO message buffers of arbitrary
size, which is only limited by the total number of message objects.
– Message objects can be linked to form a gateway to automatically transfer frames
between 2 different CAN buses. A single gateway can link any two CAN nodes. An
arbitrary number of gateways may be defined.
•
Advanced Data Management:
– The Message objects are organized in double chained lists.
– List reorganizations may be performed any time, even during full operation of the
CAN nodes.
– A powerful, command driven list controller manages the organization of the list
structure and ensures consistency of the list.
– Message FIFOs are based on the list structure and can easily be scaled in size
during CAN operation.
– Static Allocation Commands offer compatibility with TwinCAN applications, which
are not list based.
•
Advanced Interrupt Handling:
– Up to 8 interrupt output lines are available. Most interrupt requests can be
individually routed to one of the 8 interrupt output lines.
– Message postprocessing notifications can be flexibly aggregated into a dedicated
register field of 64 notification bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com