Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 107 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 107 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 103Page - Infineon Technologies AG XC888LM Datasheet HTML 104Page - Infineon Technologies AG XC888LM Datasheet HTML 105Page - Infineon Technologies AG XC888LM Datasheet HTML 106Page - Infineon Technologies AG XC888LM Datasheet HTML 107Page - Infineon Technologies AG XC888LM Datasheet HTML 108Page - Infineon Technologies AG XC888LM Datasheet HTML 109Page - Infineon Technologies AG XC888LM Datasheet HTML 110Page - Infineon Technologies AG XC888LM Datasheet HTML 111Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
100
V0.9, 2006-12
GLOBCTR. A prescaling ratio of 32 can be selected when the maximum performance of
the ADC is not required.
Figure 35
ADC Clocking Scheme
For module clock
f
ADC = 24 MHz, the analog clock fADCI frequency can be selected as
shown in Table 34.
As
f
ADCI cannot exceed 10 MHz, bit field CTC should not be set to 00B when fADC is
24 MHz. During slow-down mode where
f
ADC may be reduced to 12 MHz, 6 MHz etc.,
CTC can be set to 00
B as long as the divided analog clock fADCI does not exceed 10 MHz.
Table 34
f
ADCI Frequency Selection
Module Clock
f
ADC
CTC
Prescaling Ratio
Analog Clock
f
ADCI
24 MHz
00
B
÷ 2
12 MHz (N.A)
01
B
÷3
8MHz
10
B
÷4
6MHz
11
B (default)
÷ 32
750 kHz
analog
components
f
ADCI
f
ADC = fPCLK
MUX
arbiter
registers
interrupts
analog part
digital part
f
ADCD
f
ADCA
32
÷
4
÷
3
÷
clock prescaler
CTC
≤
Condition: f
ADCI
10 MHz, where t
ADCI =
f
ADCI
1
2
÷



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com