Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 110 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 110 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 106Page - Infineon Technologies AG XC888LM Datasheet HTML 107Page - Infineon Technologies AG XC888LM Datasheet HTML 108Page - Infineon Technologies AG XC888LM Datasheet HTML 109Page - Infineon Technologies AG XC888LM Datasheet HTML 110Page - Infineon Technologies AG XC888LM Datasheet HTML 111Page - Infineon Technologies AG XC888LM Datasheet HTML 112Page - Infineon Technologies AG XC888LM Datasheet HTML 113Page - Infineon Technologies AG XC888LM Datasheet HTML 114Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
103
V0.9, 2006-12
Figure 37
OCDS Block Diagram
3.22.1
JTAG ID Register
This is a read-only register located inside the JTAG module, and is used to recognize the
device(s) connected to the JTAG interface. Its content is shifted out when
INSTRUCTION register contains the IDCODE command (opcode 04
H), and the same is
also true immediately after reset.
The JTAG ID register contents for the XC886/888 Flash devices are given in Table 35.
Note: The asterisk (*) above denotes all possible device configurations.
Table 35
JTAG ID Summary
Device Type
Device Name
JTAG ID
Flash
XC886/888*-8FF
1012 0083
H
XC886/888*-6FF
1012 5083
H
ROM
XC886/888*-8RF
1013 C083
H
XC886/888*-6RF
1013 D083
H
JTAG Module
Monitor &
Bootstrap loader
Control line
JTAG
Memory
Control
Unit
User
Program
Memory
XC800 Core
PROG
& IRAM
Addresses
Debug
Interface
Reset Clock
TMS
TCK
TDI
TDO
TCK
TDI
TDO
Control
Memory
Control
Debug
Interface
System
Control
Unit
Boot/
Monitor
ROM
Monitor
RAM
User
Internal
RAM
Reset
Reset
Clock
PROG
Data
Monitor Mode Control
MBC
- parts of
OCDS
Suspend
Control
OCDS_XC886C-Block_Diagram-UM-v0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com