Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 55Page - Infineon Technologies AG XC888LM Datasheet HTML 56Page - Infineon Technologies AG XC888LM Datasheet HTML 57Page - Infineon Technologies AG XC888LM Datasheet HTML 58Page - Infineon Technologies AG XC888LM Datasheet HTML 59Page - Infineon Technologies AG XC888LM Datasheet HTML 60Page - Infineon Technologies AG XC888LM Datasheet HTML 61Page - Infineon Technologies AG XC888LM Datasheet HTML 62Page - Infineon Technologies AG XC888LM Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
52
V0.9, 2006-12
3.3
Flash Memory
The Flash memory provides an embedded user-programmable non-volatile memory,
allowing fast and reliable storage of user code and data. It is operated from a single 2.5 V
supply from the Embedded Voltage Regulator (EVR) and does not require additional
programming or erasing voltage. The sectorization of the Flash memory allows each
sector to be erased independently.
Features
•
In-System Programming (ISP) via UART
•
In-Application Programming (IAP)
•
Error Correction Code (ECC) for dynamic correction of single-bit errors
•
Background program and erase operations for CPU load minimization
•
Support for aborting erase operation
•
Minimum program width
1) of 32-byte for D-Flash and 64-byte for P-Flash
•
1-sector minimum erase width
•
1-byte read access
•
Operating supply voltage: 2.5 V ± 7.5 %
•
Read access time: 3 ×
t
CCLK = 125 ns
2)
•
Program time: 248256 /
f
SYS = 2.6 ms
3)
•
Erase time: 9807360 /
f
SYS = 102 ms
3)
1) P-Flash: 64-byte wordline can only be programmed once, i.e., one gate disturb allowed.
D-Flash: 32-byte wordline can be programmed twice, i.e., two gate disturbs allowed.
2) Values shown here are typical values.
f
sys =96MHz ±7.5% (fCCLK = 24 MHz ± 7.5 %) is the maximum
frequency range for Flash read access.
3) Values shown here are typical values.
f
sys = 96 MHz ± 7.5%
is the only frequency range for Flash
programming and erasing.
f
sysmin is used for obtaining the worst case timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com