Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 56Page - Infineon Technologies AG XC888LM Datasheet HTML 57Page - Infineon Technologies AG XC888LM Datasheet HTML 58Page - Infineon Technologies AG XC888LM Datasheet HTML 59Page - Infineon Technologies AG XC888LM Datasheet HTML 60Page - Infineon Technologies AG XC888LM Datasheet HTML 61Page - Infineon Technologies AG XC888LM Datasheet HTML 62Page - Infineon Technologies AG XC888LM Datasheet HTML 63Page - Infineon Technologies AG XC888LM Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
53
V0.9, 2006-12
Table 19 shows the Flash data retention and endurance targets.
3.3.1
Flash Bank Sectorization
The XC886/888 product family offers Flash devices with either 24 Kbytes or 32 Kbytes
of embedded Flash memory. Each Flash device consists of Program Flash (P-Flash)
and Data Flash (D-Flash) bank(s) with different sectorization shown in Figure 11. Both
types can be used for code and data storage. The label “Data” neither implies that the
D-Flash is mapped to the data memory region, nor that it can only be used for data
storage. It is used to distinguish the different Flash bank sectorizations.
The 32-Kbyte Flash device consists of 6 P-Flash and 2 D-Flash banks, while the 24-
Kbyte Flash device consists of also of 6 P-Flash banks but with the upper 2 banks only
2 Kbytes each, and only 1 D-Flash bank. The XC886/888 ROM devices offer a single 4-
Kbyte D-Flash bank.
Table 19
Flash Data Retention and Endurance (Operating Conditions apply)
Retention
Endurance
1)
1) One cycle refers to the programming of all wordlines in a sector and erasing of sector. The Flash endurance
data specified in Table 19 is valid only if the following conditions are fulfilled:
- the maximum number of erase cycles per Flash sector must not exceed 100,000 cycles.
- the maximum number of erase cycles per Flash bank must not exceed 300,000 cycles.
- the maximum number of program cycles per Flash bank must not exceed 2,500,000 cycles.
Size
Remarks
Program Flash
20 years
1,000 cycles
up to 32 Kbytes
2)
2) If no Flash is used for data, the Program Flash size can be up to the maximum Flash size available in the
device variant. Having more Data Flash will mean less Flash is available for Program Flash.
for 32-Kbyte Variant
20 years
1,000 cycles
up to 24 Kbytes
2)
for 24-Kbyte Variant
Data Flash
20 years
1,000 cycles
4 Kbytes
5 years
10,000 cycles
1 Kbyte
2 years
70,000 cycles
512 bytes
2 years
100,000 cycles
128 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com