Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 22Page - Infineon Technologies AG XC888LM Datasheet HTML 23Page - Infineon Technologies AG XC888LM Datasheet HTML 24Page - Infineon Technologies AG XC888LM Datasheet HTML 25Page - Infineon Technologies AG XC888LM Datasheet HTML 26Page - Infineon Technologies AG XC888LM Datasheet HTML 27Page - Infineon Technologies AG XC888LM Datasheet HTML 28Page - Infineon Technologies AG XC888LM Datasheet HTML 29Page - Infineon Technologies AG XC888LM Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
19
V0.9, 2006-12
3
Functional Description
Chapter 3 provides an overview of the XC886/888 functional description.
3.1
Processor Architecture
The XC886/888 is based on a high-performance 8-bit Central Processing Unit (CPU)
that is compatible with the standard 8051 processor. While the standard 8051 processor
is designed around a 12-clock machine cycle, the XC886/888 CPU uses a 2-clock
machine cycle. This allows fast access to ROM or RAM memories without wait state.
Access to the Flash memory, however, requires an additional wait state (one machine
cycle). The instruction set consists of 45% one-byte, 41% two-byte and 14% three-byte
instructions.
The XC886/888 CPU provides a range of debugging features, including basic stop/start,
single-step execution, breakpoint support and read/write access to the data memory,
program memory and Special Function Registers (SFRs).
Figure 6 shows the CPU functional blocks.
Figure 6
CPU Block Diagram
Register Interface
ALU
UART
Core SFRs
16-bit Registers &
Memory Interface
Opcode Decoder
State Machine &
Power Saving
Interrupt
Controller
Multiplier / Divider
Opcode &
Immediate
Registers
Timer 0 / Timer 1
Internal Data
Memory
External SFRs
External Data
Memory
Program Memory
f
CCLK
Memory Wait
Reset
Legacy External Interrupts (IEN0, IEN1)
External Interrupts
Non-Maskable Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com