Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 21Page - Infineon Technologies AG XC888LM Datasheet HTML 22Page - Infineon Technologies AG XC888LM Datasheet HTML 23Page - Infineon Technologies AG XC888LM Datasheet HTML 24Page - Infineon Technologies AG XC888LM Datasheet HTML 25Page - Infineon Technologies AG XC888LM Datasheet HTML 26Page - Infineon Technologies AG XC888LM Datasheet HTML 27Page - Infineon Technologies AG XC888LM Datasheet HTML 28Page - Infineon Technologies AG XC888LM Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 144 page
background image
XC886/888CLM
General Device Information
Data Sheet
18
V0.9, 2006-12
V
DDP
7, 17, 43/
7, 25, 55
–
–
I/O Port Supply (3.3 or 5.0 V)
V
SSP
18, 42/26, 54
–
–
I/O Port Ground
V
DDC
6/6
–
–
Core Supply Monitor (2.5 V)
V
SSC
5/5
–
–
Core Supply Ground
V
AREF
24/32
–
–
ADC Reference Voltage
V
AGND
23/31
–
–
ADC Reference Ground
XTAL1
4/4
I
Hi-Z
External Oscillator Input
(backup for on-chip OSC, normally NC)
XTAL2
3/3
O
Hi-Z
External Oscillator Output
(backup for on-chip OSC, normally NC)
TMS
10/16
I
PD
Test Mode Select
RESET
41/53
I
PU
Reset Input
MBC
44/58
I
PU
Monitor & BootStrap Loader Control
NC
–/21, 56, 57
–
–
No Connection
Table 3
Pin Definitions and Functions (cont’d)
Symbol Pin Number
(TQFP-48/64)
Type Reset
State
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com