Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 48Page - Infineon Technologies AG XC888LM Datasheet HTML 49Page - Infineon Technologies AG XC888LM Datasheet HTML 50Page - Infineon Technologies AG XC888LM Datasheet HTML 51Page - Infineon Technologies AG XC888LM Datasheet HTML 52Page - Infineon Technologies AG XC888LM Datasheet HTML 53Page - Infineon Technologies AG XC888LM Datasheet HTML 54Page - Infineon Technologies AG XC888LM Datasheet HTML 55Page - Infineon Technologies AG XC888LM Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
45
V0.9, 2006-12
FAH
CCU6_CC60SRL
Reset: 00H
Capture/Compare Shadow Register
for Channel CC60 Low
Bit Field
CC60SL
Type
rwh
FBH
CCU6_CC60SRH
Reset: 00H
Capture/Compare Shadow Register
for Channel CC60 High
Bit Field
CC60SH
Type
rwh
FCH
CCU6_CC61SRL
Reset: 00H
Capture/Compare Shadow Register
for Channel CC61 Low
Bit Field
CC61SL
Type
rwh
FDH
CCU6_CC61SRH
Reset: 00H
Capture/Compare Shadow Register
for Channel CC61 High
Bit Field
CC61SH
Type
rwh
FEH
CCU6_CC62SRL
Reset: 00H
Capture/Compare Shadow Register
for Channel CC62 Low
Bit Field
CC62SL
Type
rwh
FFH
CCU6_CC62SRH
Reset: 00H
Capture/Compare Shadow Register
for Channel CC62 High
Bit Field
CC62SH
Type
rwh
RMAP = 0, PAGE 1
9AH
CCU6_CC63RL
Reset: 00H
Capture/Compare Register for
Channel CC63 Low
Bit Field
CC63VL
Type
rh
9BH
CCU6_CC63RH
Reset: 00H
Capture/Compare Register for
Channel CC63 High
Bit Field
CC63VH
Type
rh
9CH
CCU6_T12PRL
Reset: 00H
Timer T12 Period Register Low
Bit Field
T12PVL
Type
rwh
9DH
CCU6_T12PRH
Reset: 00H
Timer T12 Period Register High
Bit Field
T12PVH
Type
rwh
9EH
CCU6_T13PRL
Reset: 00H
Timer T13 Period Register Low
Bit Field
T13PVL
Type
rwh
9FH
CCU6_T13PRH
Reset: 00H
Timer T13 Period Register High
Bit Field
T13PVH
Type
rwh
A4H
CCU6_T12DTCL
Reset: 00H
Dead-Time Control Register for
Timer T12 Low
Bit Field
DTM
Type
rw
A5H
CCU6_T12DTCH
Reset: 00H
Dead-Time Control Register for
Timer T12 High
Bit Field
0
DTR2
DTR1
DTR0
0
DTE2
DTE1
DTE0
Type
r
rhrhrh
r
rw
rw
rw
A6H
CCU6_TCTR0L
Reset: 00H
Timer Control Register 0 Low
Bit Field
CTM
CDIR
STE1
2
T12R
T12
PRE
T12CLK
Type
rw
rh
rh
rh
rw
rw
A7H
CCU6_TCTR0H
Reset: 00H
Timer Control Register 0 High
Bit Field
0
STE1
3
T13R
T13
PRE
T13CLK
Type
r
rh
rh
rw
rw
FAH
CCU6_CC60RL
Reset: 00H
Capture/Compare Register for
Channel CC60 Low
Bit Field
CC60VL
Type
rh
Table 14
CCU6 Register Overview (cont’d)
Addr Register Name
Bit
765
43210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com