Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 58Page - Infineon Technologies AG XC888LM Datasheet HTML 59Page - Infineon Technologies AG XC888LM Datasheet HTML 60Page - Infineon Technologies AG XC888LM Datasheet HTML 61Page - Infineon Technologies AG XC888LM Datasheet HTML 62Page - Infineon Technologies AG XC888LM Datasheet HTML 63Page - Infineon Technologies AG XC888LM Datasheet HTML 64Page - Infineon Technologies AG XC888LM Datasheet HTML 65Page - Infineon Technologies AG XC888LM Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
55
V0.9, 2006-12
3.3.3
Flash Programming Width
For the P-Flash banks, a programmed wordline (WL) must be erased before it can be
reprogrammed as the Flash cells can only withstand one gate disturb. This means that
the entire sector containing the WL must be erased since it is impossible to erase a
single WL.
For the D-Flash bank, the same WL can be programmed twice before erasing is required
as the Flash cells are able to withstand two gate disturbs. This means if the number of
data bytes that needs to be written is smaller than the 32-byte minimum programming
width, the user can opt to program this number of data bytes (x; where x can be any
integer from 1 to 31) first and program the remaining bytes (32 - x) later. Hence, it is
possible to program the same WL, for example, with 16 bytes of data two times (see
Figure 12)
Figure 12
D-Flash Programming
Note: When programming a D-Flash WL the second time, the previously programmed
Flash memory cells (whether 0s or 1s) should be reprogrammed with 0s to retain
its original contents and to prevent “over-programming”.
0000 ….. 0000
H
0000 ….. 0000
H
32 bytes (1 WL)
1111 ….. 1111
H
0000 ….. 0000
H
16 bytes
16 bytes
0000 ….. 0000
H
1111 ….. 1111
H
Flash memory cells
32-byte write buffers
1111 ….. 0000
H
1111 ….. 1111
H
0000 ….. 0000
H
1111 ….. 0000
H
Program 1
Program 2
Note: A Flash memory cell can be programmed
from 0 to 1, but not from 1 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com