Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 23Page - Infineon Technologies AG XC888LM Datasheet HTML 24Page - Infineon Technologies AG XC888LM Datasheet HTML 25Page - Infineon Technologies AG XC888LM Datasheet HTML 26Page - Infineon Technologies AG XC888LM Datasheet HTML 27Page - Infineon Technologies AG XC888LM Datasheet HTML 28Page - Infineon Technologies AG XC888LM Datasheet HTML 29Page - Infineon Technologies AG XC888LM Datasheet HTML 30Page - Infineon Technologies AG XC888LM Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
20
V0.9, 2006-12
3.2
Memory Organization
The XC886/888 CPU operates in the following five address spaces:
•
12 Kbytes of Boot ROM program memory
•
256 bytes of internal RAM data memory
•
1.5 Kbytes of XRAM memory
(XRAM can be read/written as program memory or external data memory)
•
A 128-byte Special Function Register area
•
24/32 Kbytes of Flash program memory (Flash devices); or
24/32 Kbytes of ROM program memory, with additional 4 Kbytes of Flash
(ROM devices)
Figure 7 illustrates the memory address spaces of the 32-Kbyte Flash devices. For the
24-Kbyte Flash devices, the shaded banks are not available.
Figure 7
Memory Map of XC886/888 Flash Device
For both 24-Kbyte and 32-Kbyte ROM devices, the last four bytes of the ROM from
7FFC
H to 7FFFH are reserved for the ROM signature and cannot be used to store user
0000
H
2000
H
4000
H
6000
H
F000
H
C000
H
F600
H
FFFF
H
7000
H
8000
H
P-Flash Banks 2 and 3
2 x 4 Kbytes
Boot ROM
12 Kbytes
XRAM
1.5 Kbytes
F000
H
F600
H
0000
H
FFFF
H
Special Function
Registers
Indirect
Address
Direct
Address
80
H
FF
H
00
H
Program Space
External Data Space
Internal Data Space
Internal RAM
XRAM
1.5 Kbytes
7F
H
Internal RAM
P-Flash Banks 0 and 1
2 x 4 Kbytes
D-Flash Bank 1
4 Kbytes
D-Flash Bank 0
4 Kbytes
A000
H
B000
H
D-Flash Bank 0
4 Kbytes
D-Flash Bank 1
4 Kbytes
5000
H
P-Flash Banks 4 and 5
2 x 4 Kbytes1)
In 24-Kbyte Flash devices, the upper 2-
Kbyte of Banks 4 and 5 are not available.
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com