Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 53Page - Infineon Technologies AG XC888LM Datasheet HTML 54Page - Infineon Technologies AG XC888LM Datasheet HTML 55Page - Infineon Technologies AG XC888LM Datasheet HTML 56Page - Infineon Technologies AG XC888LM Datasheet HTML 57Page - Infineon Technologies AG XC888LM Datasheet HTML 58Page - Infineon Technologies AG XC888LM Datasheet HTML 59Page - Infineon Technologies AG XC888LM Datasheet HTML 60Page - Infineon Technologies AG XC888LM Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
50
V0.9, 2006-12
3.2.4.14
OCDS Registers
The OCDS SFRs can be accessed in the mapped memory area (RMAP = 1).
DBH
DATA0
Reset: 00H
CAN Data Register 0
Bit Field
CD
Type
rwh
DCH
DATA1
Reset: 00H
CAN Data Register 1
Bit Field
CD
Type
rwh
DDH
DATA2
Reset: 00H
CAN Data Register 2
Bit Field
CD
Type
rwh
DEH
DATA3
Reset: 00H
CAN Data Register 3
Bit Field
CD
Type
rwh
Table 18
OCDS Register Overview
Addr Register Name
Bit
7
6
5
4
3
2
1
0
RMAP = 1
E9H
MMCR2
Reset: 1UH
Monitor Mode Control 2
Register
Bit Field
STMO
DE
EXBC
DSUS
P
MBCO
N
ALTDI
MMEP
MMOD
E
JENA
Type
rw
rw
rw
rwh
rw
rwh
rh
rh
F1H
MMCR
Reset: 00H
Monitor Mode Control Register
Bit Field
MEXIT
_P
MEXIT
0
MSTE
P
MRAM
S_P
MRAM
S
TRF
RRF
Type
w
rwh
r
rw
w
rwh
rh
rh
F2H
MMSR
Reset: 00H
Monitor Mode Status Register
Bit Field
MBCA
M
MBCIN
EXBF
SWBF
HWB3
F
HWB2
F
HWB1
F
HWB0
F
Type
rw
rwh
rwh
rwh
rwh
rwh
rwh
rwh
F3H
MMBPCR
Reset: 00H
Breakpoints Control Register
Bit Field
SWBC
HWB3C
HWB2C
HWB1
C
HWB0C
Type
rw
rw
rw
rw
rw
F4H
MMICR
Reset: 00H
Monitor Mode Interrupt Control
Register
Bit Field
DVEC
T
DRET
R
COMR
ST
MSTS
EL
MMUI
E_P
MMUI
E
RRIE_
P
RRIE
Type
rwh
rwh
rwh
rh
w
rw
w
rw
F5H
MMDR
Reset: 00H
Monitor Mode Data Transfer
Register
Receive
Bit Field
MMRR
Type
rh
F6H
HWBPSR
Reset: 00H
Hardware Breakpoints Select
Register
Bit Field
0
BPSEL
_P
BPSEL
Type
r
w
rw
F7H
HWBPDR
Reset: 00H
Hardware Breakpoints Data
Register
Bit Field
HWBPxx
Type
rw
EBH
MMWR1
Reset: 00H
Monitor Work Register 1
Bit Field
MMWR1
Type
rw
Table 17
CAN Register Overview (cont’d)
Addr Register Name
Bit
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com