Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 100 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 100 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 96Page - Infineon Technologies AG XC888LM Datasheet HTML 97Page - Infineon Technologies AG XC888LM Datasheet HTML 98Page - Infineon Technologies AG XC888LM Datasheet HTML 99Page - Infineon Technologies AG XC888LM Datasheet HTML 100Page - Infineon Technologies AG XC888LM Datasheet HTML 101Page - Infineon Technologies AG XC888LM Datasheet HTML 102Page - Infineon Technologies AG XC888LM Datasheet HTML 103Page - Infineon Technologies AG XC888LM Datasheet HTML 104Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
93
V0.9, 2006-12
3.17
Timer 0 and Timer 1
Timer 0 and Timer 1 can function as both timers or counters. When functioning as a
timer, Timer 0 and Timer 1 are incremented every machine cycle, i.e. every 2 input
clocks (or 2 PCLKs). When functioning as a counter, Timer 0 and Timer 1 are
incremented in response to a 1-to-0 transition (falling edge) at their respective external
input pins, T0 or T1.
Timer 0 and 1 are fully compatible and can be configured in four different operating
modes for use in a variety of applications, see Table 32. In modes 0, 1 and 2, the two
timers operate independently, but in mode 3, their functions are specialized.
Table 32
Timer 0 and Timer 1 Modes
Mode
Operation
0
13-bit timer
The timer is essentially an 8-bit counter with a divide-by-32 prescaler.
This mode is included solely for compatibility with Intel 8048 devices.
1
16-bit timer
The timer registers, TLx and THx, are concatenated to form a 16-bit
counter.
2
8-bit timer with auto-reload
The timer register TLx is reloaded with a user-defined 8-bit value in THx
upon overflow.
3
Timer 0 operates as two 8-bit timers
The timer registers, TL0 and TH0, operate as two separate 8-bit counters.
Timer 1 is halted and retains its count even if enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com