Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 98Page - Infineon Technologies AG XC888LM Datasheet HTML 99Page - Infineon Technologies AG XC888LM Datasheet HTML 100Page - Infineon Technologies AG XC888LM Datasheet HTML 101Page - Infineon Technologies AG XC888LM Datasheet HTML 102Page - Infineon Technologies AG XC888LM Datasheet HTML 103Page - Infineon Technologies AG XC888LM Datasheet HTML 104Page - Infineon Technologies AG XC888LM Datasheet HTML 105Page - Infineon Technologies AG XC888LM Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
95
V0.9, 2006-12
3.19
Capture/Compare Unit 6
The Capture/Compare Unit 6 (CCU6) provides two independent timers (T12, T13), which
can be used for Pulse Width Modulation (PWM) generation, especially for AC-motor
control. The CCU6 also supports special control modes for block commutation and
multi-phase machines.
The timer T12 can function in capture and/or compare mode for its three channels. The
timer T13 can work in compare mode only.
The multi-channel control unit generates output patterns, which can be modulated by
T12 and/or T13. The modulation sources can be selected and combined for the signal
modulation.
Timer T12 Features
•
Three capture/compare channels, each channel can be used either as a capture or
as a compare channel
•
Supports generation of a three-phase PWM (six outputs, individual signals for
highside and lowside switches)
•
16-bit resolution, maximum count frequency = peripheral clock frequency
•
Dead-time control for each channel to avoid short-circuits in the power stage
•
Concurrent update of the required T12/13 registers
•
Generation of center-aligned and edge-aligned PWM
•
Supports single-shot mode
•
Supports many interrupt request sources
•
Hysteresis-like control mode
Timer T13 Features
•
One independent compare channel with one output
•
16-bit resolution, maximum count frequency = peripheral clock frequency
•
Can be synchronized to T12
•
Interrupt generation at period-match and compare-match
•
Supports single-shot mode
Additional Features
•
Implements block commutation for Brushless DC-drives
•
Position detection via Hall-sensor pattern
•
Automatic rotational speed measurement for block commutation
•
Integrated error handling
•
Fast emergency stop without CPU load via external signal (CTRAP)
•
Control modes for multi-channel AC-drives
•
Output levels can be selected and adapted to the power stage
The block diagram of the CCU6 module is shown in Figure 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com