Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 6Page - Infineon Technologies AG XC888LM Datasheet HTML 7Page - Infineon Technologies AG XC888LM Datasheet HTML 8Page - Infineon Technologies AG XC888LM Datasheet HTML 9Page - Infineon Technologies AG XC888LM Datasheet HTML 10Page - Infineon Technologies AG XC888LM Datasheet HTML 11Page - Infineon Technologies AG XC888LM Datasheet HTML 12Page - Infineon Technologies AG XC888LM Datasheet HTML 13Page - Infineon Technologies AG XC888LM Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 144 page
background image
XC886/888CLM
Summary of Features
Data Sheet
3
V0.9, 2006-12
XC886/888 Variant Devices
The XC886/888 product family features devices with different configurations, program
memory sizes, package options, power supply voltage, temperature and quality profiles
(Automotive or Industrial), to offer cost-effective solutions for different application
requirements.
The list of XC886/888 device configurations are summarized in Table 1. For each
configuration, 2 types of packages are available:
•
PG-TQFP-48, which is denoted by XC886 and;
•
PG-TQFP-64, which is denoted by XC888.
From these 10 different combinations of configuration and package type, each are
further made available in many sales types, which are grouped according to device type,
program memory sizes, power supply voltage, temperature and quality profiles
(Automotive or Industrial), as shown in Table 2.
Table 1
Device Configuration
Device Name
CAN
Module
LIN BSL
Support
MDU
Module
XC886/888
No
No
No
XC886/888C
Yes
No
No
XC886/888CM
Yes
No
Yes
XC886/888LM
No
Yes
Yes
XC886/888CLM
Yes
Yes
Yes
Table 2
Device Profile
Sales Type
Device
Type
Program
Memory
(Kbytes)
Power
Supply
(V)
Temp-
erature
Profile (
°C)
Quality
Profile
SAK-XC886*/888*-8FFA 5V
Flash
32
5.0
-40 to 125
Automotive
SAK-XC886*/888*-6FFA 5V
Flash
24
5.0
-40 to 125
Automotive
SAF-XC886*/888*-8FFA 5V
Flash
32
5.0
-40 to 85
Automotive
SAF-XC886*/888*-6FFA 5V
Flash
24
5.0
-40 to 85
Automotive
SAF-XC886*/888*-8FFI 5V
Flash
32
5.0
-40 to 85
Industrial
SAF-XC886*/888*-6FFI 5V
Flash
24
5.0
-40 to 85
Industrial
SAK-XC886*/888*-8FFA 3V3 Flash
32
3.3
-40 to 125
Automotive
SAK-XC886*/888*-6FFA 3V3 Flash
24
3.3
-40 to 125
Automotive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com