Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 35Page - Infineon Technologies AG XC888LM Datasheet HTML 36Page - Infineon Technologies AG XC888LM Datasheet HTML 37Page - Infineon Technologies AG XC888LM Datasheet HTML 38Page - Infineon Technologies AG XC888LM Datasheet HTML 39Page - Infineon Technologies AG XC888LM Datasheet HTML 40Page - Infineon Technologies AG XC888LM Datasheet HTML 41Page - Infineon Technologies AG XC888LM Datasheet HTML 42Page - Infineon Technologies AG XC888LM Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
32
V0.9, 2006-12
3.2.4.2
MDU Registers
The MDU SFRs can be accessed in the mapped memory area (RMAP = 1).
A8H
IEN0
Reset: 00H
Interrupt Enable Register 0
Bit Field
EA
0
ET2
ES
ET1
EX1
ET0
EX0
Type
rw
r
rwrw
rw
rw
rwrw
B8H
IP
Reset: 00H
Interrupt Priority Register
Bit Field
0
PT2
PS
PT1
PX1
PT0
PX0
Type
r
rwrw
rw
rw
rwrw
B9H
IPH
Reset: 00H
Interrupt Priority High Register
Bit Field
0
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
Type
r
rwrw
rw
rw
rwrw
D0H
PSW
Reset: 00H
Program Status Word Register
Bit Field
CY
AC
F0
RS1
RS0
OV
F1
P
Type
rwh
rwh
rw
rw
rw
rwh
rw
rh
E0H
ACC
Reset: 00H
Accumulator Register
Bit Field
ACC7
ACC6
ACC5
ACC4
ACC3
ACC2
ACC1
ACC0
Type
rw
rw
rw
rw
rw
rw
rw
rw
E8H
IEN1
Reset: 00H
Interrupt Enable Register 1
Bit Field
ECCIP
3
ECCIP
2
ECCIP
1
ECCIP
0
EXM
EX2
ESSC
EADC
Type
rw
rw
rw
rw
rw
rw
rw
rw
F0H
B
Reset: 00H
B Register
Bit Field
B7
B6
B5
B4
B3
B2
B1
B0
Type
rw
rw
rw
rw
rw
rw
rw
rw
F8H
IP1
Reset: 00H
Interrupt Priority 1 Register
Bit Field
PCCIP
3
PCCIP
2
PCCIP
1
PCCIP
0
PXM
PX2
PSSC
PADC
Type
rw
rw
rw
rw
rw
rw
rw
rw
F9H
IPH1
Reset: 00H
Interrupt Priority 1 High Register
Bit Field
PCCIP
3H
PCCIP
2H
PCCIP
1H
PCCIP
0H
PXMH
PX2H
PSSC
H
PADC
H
Type
rw
rw
rw
rw
rw
rw
rw
rw
Table 6
MDU Register Overview
Addr Register Name
Bit
7
6
5
4
3
2
1
0
RMAP = 1
B0H
MDUSTAT
Reset: 00H
MDU Status Register
Bit Field
0
BSY
IERR
IRDY
Type
r
rh
rwh
rwh
B1H
MDUCON
Reset: 00H
MDU Control Register
Bit Field
IE
IR
RSEL
STAR
T
OPCODE
Type
rw
rw
rw
rwh
rw
B2H
MD0
Reset: 00H
MDU Operand Register 0
Bit Field
DATA
Type
rw
B2H
MR0
Reset: 00H
MDU Result Register 0
Bit Field
DATA
Type
rh
B3H
MD1
Reset: 00H
MDU Operand Register 1
Bit Field
DATA
Type
rw
Table 5
CPU Register Overview (cont’d)
Addr Register Name
Bit
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com