Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 5Page - Infineon Technologies AG XC888LM Datasheet HTML 6Page - Infineon Technologies AG XC888LM Datasheet HTML 7Page - Infineon Technologies AG XC888LM Datasheet HTML 8Page - Infineon Technologies AG XC888LM Datasheet HTML 9Page - Infineon Technologies AG XC888LM Datasheet HTML 10Page - Infineon Technologies AG XC888LM Datasheet HTML 11Page - Infineon Technologies AG XC888LM Datasheet HTML 12Page - Infineon Technologies AG XC888LM Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 144 page
background image
XC886/888CLM
Summary of Features
Data Sheet
2
V0.9, 2006-12
Features: (continued)
•
Power-on reset generation
•
Brownout detection for core logic supply
•
On-chip OSC and PLL for clock generation
– PLL loss-of-lock detection
•
Power saving modes
– slow-down mode
– idle mode
– power-down mode with wake-up capability via RXD or EXINT0
– clock gating control to each peripheral
•
Programmable 16-bit Watchdog Timer (WDT)
•Six ports
– Up to 48 pins as digital I/O
– 8 pins as digital/analog input
•
8-channel, 10-bit ADC
•
Four 16-bit timers
– Timer 0 and Timer 1 (T0 and T1)
– Timer 2 and Timer 21 (T2 and T21)
•
Multiplication/Division Unit for arithmetic operations (MDU)
•
Software libraries to support floating point and MDU calculations
•
CORDIC Coprocessor for computation of trigonometric, hyperbolic and linear
functions
•
MultiCAN with 2 nodes, 32 message objects
•
Capture/compare unit for PWM signal generation (CCU6)
•
Two full-duplex serial interfaces (UART and UART1)
•
Synchronous serial channel (SSC)
•
On-chip debug support
– 1 Kbyte of monitor ROM (part of the 12-Kbyte Boot ROM)
– 64 bytes of monitor RAM
•
Packages:
– PG-TQFP-48
– PG-TQFP-64
•
Temperature range
T
A:
– SAF (-40 to 85 °C)
– SAK (-40 to 125 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com