Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 84 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 84 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 80Page - Infineon Technologies AG XC888LM Datasheet HTML 81Page - Infineon Technologies AG XC888LM Datasheet HTML 82Page - Infineon Technologies AG XC888LM Datasheet HTML 83Page - Infineon Technologies AG XC888LM Datasheet HTML 84Page - Infineon Technologies AG XC888LM Datasheet HTML 85Page - Infineon Technologies AG XC888LM Datasheet HTML 86Page - Infineon Technologies AG XC888LM Datasheet HTML 87Page - Infineon Technologies AG XC888LM Datasheet HTML 88Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
77
V0.9, 2006-12
3.8.2
Clock Management
The CGU generates all clock signals required within the microcontroller from a single
clock,
f
sys. During normal system operation, the typical frequencies of the different
modules are as follow:
•
CPU clock: CCLK, SCLK = 24 MHz
•
Fast clock (used by MultiCAN): FCLK = 24 or 48 MHz
•
Peripheral clock: PCLK = 24 MHz
•
Flash Interface clock: CCLK2 = 48 MHz and CCLK = 24 MHz
In addition, different clock frequencies can be output to pin CLKOUT (P0.0 or P0.7). The
clock output frequency, which is derived from the clock output divider (bit COREL), can
further be divided by 2 using toggle latch (bit TLEN is set to 1). The resulting output
frequency has a 50% duty cycle. Figure 26 shows the clock distribution of the
XC886/888.
Figure 26
Clock Generation from
f
sys
PLL
N,P,K
fsys=
96MHz
CLKREL
CCLK
SCLK
PCLK
CCLK2
CORE
Peripherals
FLASH
Interface
OSC
CLKOUT
fosc
COREL
COUTS
Toggle
Latch
TLEN
/2
MultiCAN
FCLK
FCCFG
/2
SD
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com