Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 24Page - Infineon Technologies AG XC888LM Datasheet HTML 25Page - Infineon Technologies AG XC888LM Datasheet HTML 26Page - Infineon Technologies AG XC888LM Datasheet HTML 27Page - Infineon Technologies AG XC888LM Datasheet HTML 28Page - Infineon Technologies AG XC888LM Datasheet HTML 29Page - Infineon Technologies AG XC888LM Datasheet HTML 30Page - Infineon Technologies AG XC888LM Datasheet HTML 31Page - Infineon Technologies AG XC888LM Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
21
V0.9, 2006-12
code or data. Therefore, even though the ROM device contains either a 24-Kbyte or 32-
Kbyte ROM, the maximum size of code that can be placed in the ROM is the given size
less four bytes.
3.2.1
Memory Protection Strategy
The XC886/888 memory protection strategy includes:
•
Read-out protection: The user is able to protect the contents in the Flash (for Flash
devices) and ROM (for ROM devices) memory from being read
– Flash protection is enabled by programming a valid password (8-bit non-zero
value) via BSL mode 6.
– ROM protection is fixed with the ROM mask and is always enabled.
•
Flash program and erase protection: This feature is available only for Flash devices.
3.2.1.1
Flash Memory Protection
As long as a valid password is available, all external access to the device, including the
Flash, will be blocked.
For additional security, the Flash hardware protection can be enabled to implement a
second layer of read-out protection, as well as to enable program and erase protection.
Flash hardware protection is available only for Flash devices and comes in two modes:
•
Mode 0: Only the P-Flash is protected; the D-Flash is unprotected
•
Mode 1: Both the P-Flash and D-Flash are protected
The selection of each protection mode and the restrictions imposed are summarized in
Table 4.
Table 4
Flash Protection Modes
Flash Protection Without hardware
protection
With hardware protection
Hardware
Protection Mode
-0
1
Activation
Program a valid password via BSL mode 6
Selection
Bit 4 of password = 0 Bit 4 of password = 1
MSB of password = 0
Bit 4 of password = 1
MSB of password = 1
P-Flash
contents can be
read by
Read instructions in
any program memory
Read instructions in
the P-Flash
Read instructions in
the P-Flash or D-
Flash
External access
to P-Flash
Not possible
Not possible
Not possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com