Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 87Page - Infineon Technologies AG XC888LM Datasheet HTML 88Page - Infineon Technologies AG XC888LM Datasheet HTML 89Page - Infineon Technologies AG XC888LM Datasheet HTML 90Page - Infineon Technologies AG XC888LM Datasheet HTML 91Page - Infineon Technologies AG XC888LM Datasheet HTML 92Page - Infineon Technologies AG XC888LM Datasheet HTML 93Page - Infineon Technologies AG XC888LM Datasheet HTML 94Page - Infineon Technologies AG XC888LM Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
84
V0.9, 2006-12
3.12
CORDIC Coprocessor
The CORDIC Coprocessor provides CPU with hardware support for the solving of
circular (trigonometric), linear (multiply-add, divide-add) and hyperbolic functions.
Features
•
Modes of operation
– Supports all CORDIC operating modes for solving circular (trigonometric), linear
(multiply-add, divide-add) and hyperbolic functions
– Integrated look-up tables (LUTs) for all operating modes
•
Circular vectoring mode: Extended support for values of initial X and Y data up to full
range of [-2
15,(215-1)] for solving angle and magnitude
•
Circular rotation mode: Extended support for values of initial Z data up to full range
of [-2
15,(215-1)], representing angles in the range [-
π,((215-1)/215)π] for solving
trigonometry
•
Implementation-dependent operational frequency of up to 80 MHz
•
Gated clock input to support disabling of module
•
16-bit accessible data width
– 24-bit kernel data width plus 2 overflow bits for X and Y each
– 20-bit kernel data width plus 1 overflow bit for Z
– With KEEP bit to retain the last value in the kernel register for a new calculation
•
16 iterations per calculation: Approximately 41 clock-cycles or less, from set of start
(ST) bit to set of end-of-calculation flag, excluding time taken for write and read
access of data bytes.
•
Twos complement data processing
– Only exception: X result data with user selectable option for unsigned result
•
X and Y data generally accepted as integer or rational number; X and Y must be of
the same data form
•
Entries of LUTs are 20-bit signed integers
– Entries of atan and atanh LUTs are integer representations (S19) of angles with
the scaling such that [-2
15,(215-1)] represents the range [-
π,((215-1)/215)π]
– Accessible Z result data for circular and hyperbolic functions is integer in data form
of S15
•
Emulated LUT for linear function
– Data form is 1 integer bit and 15-bit fractional part (1.15)
– Accessible Z result data for linear function is rational number with fixed data form
of S4.11 (signed 4Q16)
•
Truncation Error
– The result of a CORDIC calculation may return an approximation due to truncation
of LSBs
– Good accuracy of the CORDIC calculated result data, especially in circular mode
•
Interrupt
– On completion of a calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com