Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 106 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 106 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 102Page - Infineon Technologies AG XC888LM Datasheet HTML 103Page - Infineon Technologies AG XC888LM Datasheet HTML 104Page - Infineon Technologies AG XC888LM Datasheet HTML 105Page - Infineon Technologies AG XC888LM Datasheet HTML 106Page - Infineon Technologies AG XC888LM Datasheet HTML 107Page - Infineon Technologies AG XC888LM Datasheet HTML 108Page - Infineon Technologies AG XC888LM Datasheet HTML 109Page - Infineon Technologies AG XC888LM Datasheet HTML 110Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
99
V0.9, 2006-12
3.21
Analog-to-Digital Converter
The XC886/888 includes a high-performance 10-bit Analog-to-Digital Converter (ADC)
with eight multiplexed analog input channels. The ADC uses a successive approximation
technique to convert the analog voltage levels from up to eight different sources. The
analog input channels of the ADC are available at Port 2.
Features
•
Successive approximation
•
8-bit or 10-bit resolution
(TUE of ± 1 LSB and ± 2 LSB, respectively)
•
Eight analog channels
•
Four independent result registers
•
Result data protection for slow CPU access
(wait-for-read mode)
•
Single conversion mode
•
Autoscan functionality
•
Limit checking for conversion results
•
Data reduction filter
(accumulation of up to 2 conversion results)
•
Two independent conversion request sources with programmable priority
•
Selectable conversion request trigger
•
Flexible interrupt generation with configurable service nodes
•
Programmable sample time
•
Programmable clock divider
•
Cancel/restart feature for running conversions
•
Integrated sample and hold circuitry
•
Compensation of offset errors
•
Low power modes
3.21.1
ADC Clocking Scheme
A common module clock
f
ADC generates the various clock signals used by the analog and
digital parts of the ADC module:
•
f
ADCA is input clock for the analog part.
•
f
ADCI is internal clock for the analog part (defines the time base for conversion length
and the sample time). This clock is generated internally in the analog part, based on
the input clock
f
ADCA to generate a correct duty cycle for the analog components.
•
f
ADCD is input clock for the digital part.
The internal clock for the analog part
f
ADCI is limited to a maximum frequency of 10 MHz.
Therefore, the ADC clock prescaler must be programmed to a value that ensures
f
ADCI
does not exceed 10 MHz. The prescaler ratio is selected by bit field CTC in register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com