Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 104 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 104 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 100Page - Infineon Technologies AG XC888LM Datasheet HTML 101Page - Infineon Technologies AG XC888LM Datasheet HTML 102Page - Infineon Technologies AG XC888LM Datasheet HTML 103Page - Infineon Technologies AG XC888LM Datasheet HTML 104Page - Infineon Technologies AG XC888LM Datasheet HTML 105Page - Infineon Technologies AG XC888LM Datasheet HTML 106Page - Infineon Technologies AG XC888LM Datasheet HTML 107Page - Infineon Technologies AG XC888LM Datasheet HTML 108Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 144 page
background image
XC886/888CLM
Functional Description
Data Sheet
97
V0.9, 2006-12
3.20
Controller Area Network (MultiCAN)
The MultiCAN module contains two Full-CAN nodes operating independently or
exchanging data and remote frames via a gateway function. Transmission and reception
of CAN frames is handled in accordance to CAN specification V2.0 B active. Each CAN
node can receive and transmit standard frames with 11-bit identifiers as well as extended
frames with 29-bit identifiers.
Both CAN nodes share a common set of message objects, where each message object
may be individually allocated to one of the CAN nodes. Besides serving as a storage
container for incoming and outgoing frames, message objects may be combined to build
gateways between the CAN nodes or to setup a FIFO buffer.
The message objects are organized in double chained lists, where each CAN node has
it’s own list of message objects. A CAN node stores frames only into message objects
that are allocated to the list of the CAN node. It only transmits messages from objects of
this list. A powerful, command driven list controller performs all list operations.
The bit timings for the CAN nodes are derived from the peripheral clock (
f
CAN) and are
programmable up to a data rate of 1 MBaud. A pair of receive and transmit pins connects
each CAN node to a bus transceiver.
Figure 34
Overview of the MultiCAN
Features
•
Compliant to ISO 11898.
MultiCANModule Kernel
MultiCAN_XC8_overview
Port
Control
CAN
Node 0
CANControl
Message
Object
Buffer
32
Objects
CAN
Node 1
TXDC0
RXDC0
TXDC1
RXDC1
Linked
List
Control
f
CAN
Clock
Control
Address
Decoder &
Data
control
Access Mediator
Interrupt
Controller
CANSRC[7:0]
A[13: 2]
D[31:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com