Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 123 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 123 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 119Page - Infineon Technologies AG XC888LM Datasheet HTML 120Page - Infineon Technologies AG XC888LM Datasheet HTML 121Page - Infineon Technologies AG XC888LM Datasheet HTML 122Page - Infineon Technologies AG XC888LM Datasheet HTML 123Page - Infineon Technologies AG XC888LM Datasheet HTML 124Page - Infineon Technologies AG XC888LM Datasheet HTML 125Page - Infineon Technologies AG XC888LM Datasheet HTML 126Page - Infineon Technologies AG XC888LM Datasheet HTML 127Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
116
V0.9, 2006-12
4.2.3
ADC Characteristics
The values in the table below are given for an analog power supply between 4.5 V to
5.5 V. The ADC can be used with an analog power supply down to 3 V. But in this case,
the analog parameters may show a reduced performance. All ground pins (
V
SS) must be
externally connected to one single star point in the system. The voltage difference
between the ground pins must not exceed 200mV.
Table 41
ADC Characteristics (Operating Conditions apply;
V
DDP = 5V Range)
Parameter
Symbol
Limit Values
Unit Test Conditions/
Remarks
min.
typ .
max.
Analog reference
voltage
V
AREF
SR
V
AGND
+ 1
V
DDP
V
DDP
+ 0.05
V
Analog reference
ground
V
AGND
SR
V
SS -
0.05
V
SS
V
AREF
- 1
V
Analog input
voltage range
V
AIN
SR
V
AGND
–
V
AREF
V
ADC clocks
f
ADC
–
24
25.8
MHz module clock
f
ADCI
–
–
10
MHz internal analog clock
See Figure 35
Sample time
t
S
CC (2 + INPCR0.STC)
×
t
ADCI
µs
Conversion time
t
C
CC See Section 4.2.3.1
µs
Total unadjusted
error
TUE
1)
CC –
–
±1
LSB 8-bit conversion
2)
––
±2
LSB 10-bit conversion
Differential
Nonlinearity
DNL
CC –
1
–
LSB 10-bit conversion
Integral
Nonlinearity
INL
CC –
1
–
LSB 10-bit conversion
Offset
OFF
CC –
1
–
LSB 10-bit conversion
Gain
GAIN
CC –
1
–
LSB 10-bit conversion
Switched
capacitance at the
reference voltage
input
C
AREFSW
CC –
10
20
pF
2)3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com