Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 117Page - Infineon Technologies AG XC888LM Datasheet HTML 118Page - Infineon Technologies AG XC888LM Datasheet HTML 119Page - Infineon Technologies AG XC888LM Datasheet HTML 120Page - Infineon Technologies AG XC888LM Datasheet HTML 121Page - Infineon Technologies AG XC888LM Datasheet HTML 122Page - Infineon Technologies AG XC888LM Datasheet HTML 123Page - Infineon Technologies AG XC888LM Datasheet HTML 124Page - Infineon Technologies AG XC888LM Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
114
V0.9, 2006-12
Absolute sum of
overload currents
Σ|I
OV|SR
–
25
mA
3)
Maximum current per
pin (excluding
V
DDP and
V
SS)
I
M SR
SR
–
15
mA
Maximum current for all
pins (excluding
V
DDP
and
V
SS)
Σ|I
M|SR
–
tbd
mA
Maximum current into
V
DDP
I
MVDDP
SR
–
tbd
mA
Maximum current out of
V
SS
I
MVSS
SR
–
tbd
mA
1) Not subjected to production test, verified by design/characterization. Hysteresis is implemented to avoid meta
stable states and switching due to internal ground bounce. It cannot be guaranteed that it suppresses
switching due to external system noise.
2) An additional error current (
I
INJ) will flow if an overload current flows through an adjacent pin. TMS pin and
RESET pin have internal pull devices and are not included in the input leakage current characteristic.
3) Not subjected to production test, verified by design/characterization.
Table 39
Input/Output Characteristics (Operating Conditions apply) (cont’d)
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com