Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 122 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 122 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 118Page - Infineon Technologies AG XC888LM Datasheet HTML 119Page - Infineon Technologies AG XC888LM Datasheet HTML 120Page - Infineon Technologies AG XC888LM Datasheet HTML 121Page - Infineon Technologies AG XC888LM Datasheet HTML 122Page - Infineon Technologies AG XC888LM Datasheet HTML 123Page - Infineon Technologies AG XC888LM Datasheet HTML 124Page - Infineon Technologies AG XC888LM Datasheet HTML 125Page - Infineon Technologies AG XC888LM Datasheet HTML 126Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
115
V0.9, 2006-12
4.2.2
Supply Threshold Characteristics
Table 40 provides the characteristics of the supply threshold in the XC886/888.
Figure 38
Supply Threshold Parameters
Table 40
Supply Threshold Parameters (Operating Conditions apply)
Parameters
Symbol
Limit Values
Unit
min.
typ.
max.
V
DDC prewarning voltage
1)
1) Detection is disabled in power-down mode.
V
DDCPW
CC
2.2
2.3
2.4
V
V
DDC brownout voltage in
active mode
1)
V
DDCBO
CC
2.0
2.1
2.2
V
RAM data retention voltage
V
DDCRDR
CC
0.9
1.0
1.1
V
V
DDC brownout voltage in
power-down mode
2)
2) Detection is enabled in both active and power-down mode.
V
DDCBOPD
CC
1.3
1.5
1.7
V
V
DDP prewarning voltage
3)
3) Detection is enabled for external power supply of 5.0V.
Detection must be disabled for external power supply of 3.3V.
V
DDPPW
CC
3.4
4.0
4.6
V
Power-on reset voltage
2)4)
4) The reset of EVR is extended by 300
µs typically after the VDDC reaches the power-on reset voltage.
V
DDCPOR
CC
1.3
1.5
1.7
V
VDDP
VDDC
V
DDPPW
V
DDCPOR
V
DDCPW
V
DDCBO
V
DDCBOPD
5.0V
2.5V
V
DDCRDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com