Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 120 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 120 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 116Page - Infineon Technologies AG XC888LM Datasheet HTML 117Page - Infineon Technologies AG XC888LM Datasheet HTML 118Page - Infineon Technologies AG XC888LM Datasheet HTML 119Page - Infineon Technologies AG XC888LM Datasheet HTML 120Page - Infineon Technologies AG XC888LM Datasheet HTML 121Page - Infineon Technologies AG XC888LM Datasheet HTML 122Page - Infineon Technologies AG XC888LM Datasheet HTML 123Page - Infineon Technologies AG XC888LM Datasheet HTML 124Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
113
V0.9, 2006-12
Input low voltage on
port pins
(all except P0.0 & P0.1)
V
ILP
SR
–
0.3
×
V
DDP
V
CMOS Mode
Input low voltage on
P0.0 & P0.1
V
ILP0
SR
-0.2
0.3
×
V
DDP
V
CMOS Mode
Input low voltage on
RESET pin
V
ILR
SR
–
0.3
×
V
DDP
V
CMOS Mode
Input low voltage on
TMS pin
V
ILT
SR
–
0.3
×
V
DDP
V
CMOS Mode
Input high voltage on
port pins
(all except P0.0 & P0.1)
V
IHP
SR
0.7
×
V
DDP
–
V
CMOS Mode
Input high voltage on
P0.0 & P0.1
V
IHP0
SR
0.7
×
V
DDP
V
DDP
V
CMOS Mode
Input high voltage on
RESET pin
V
IHR
SR
0.7
×
V
DDP
–
V
CMOS Mode
Input high voltage on
TMS pin
V
IHT
SR
0.75
×
V
DDP
–
V
CMOS Mode
Input Hysteresis
1)
HYS
CC 0.03
×
V
DDP
–
V
CMOS Mode
Input low voltage at
XTAL1
V
ILX
SR
V
SS -
0.5
0.3
×
V
DDC
V
Input high voltage at
XTAL1
V
IHX
SR
0.7
×
V
DDC
V
DDC +
0.5
V
Pull-up current
I
PU
SR
–
-5
µA
V
IH,min
-50
–
µA
V
IL,max
Pull-down current
I
PD
SR
–
5
µA
V
IL,max
50
–
µA
V
IH,min
Input leakage current
2)
I
OZ1
CC -1
1
µA0 < V
IN < VDDP,
T
A ≤ 125°C
Input current at XTAL1
I
ILX
CC - 10
10
µA
Overload current on any
pin
I
OV
SR
-5
5
mA
Table 39
Input/Output Characteristics (Operating Conditions apply) (cont’d)
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com