Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 116 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 116 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 112Page - Infineon Technologies AG XC888LM Datasheet HTML 113Page - Infineon Technologies AG XC888LM Datasheet HTML 114Page - Infineon Technologies AG XC888LM Datasheet HTML 115Page - Infineon Technologies AG XC888LM Datasheet HTML 116Page - Infineon Technologies AG XC888LM Datasheet HTML 117Page - Infineon Technologies AG XC888LM Datasheet HTML 118Page - Infineon Technologies AG XC888LM Datasheet HTML 119Page - Infineon Technologies AG XC888LM Datasheet HTML 120Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
109
V0.9, 2006-12
4.1.2
Absolute Maximum Rating
Maximum ratings are the extreme limits to which the XC886/888 can be subjected to
without permanent damage.
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
During absolute maximum rating overload conditions (
V
IN > VDDP or VIN < VSS) the
voltage on
V
DDP pin with respect to ground (VSS) must not exceed the values
defined by the absolute maximum ratings.
Table 37
Absolute Maximum Rating Parameters
Parameter
Symbol
Limit Values
Unit Notes
min.
max.
Ambient temperature
T
A
-40
125
°C
under bias
Storage temperature
T
ST
-65
150
°C
Junction temperature
T
J
-40
150
°C
under bias
Voltage on power supply pin with
respect to V
SS
V
DDP
-0.5
6
V
Input current on any pin during
overload condition
I
IN
-10
10
mA
Absolute sum of all input currents
during overload condition
Σ|I
IN|–
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com