Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 115 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 115 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 111Page - Infineon Technologies AG XC888LM Datasheet HTML 112Page - Infineon Technologies AG XC888LM Datasheet HTML 113Page - Infineon Technologies AG XC888LM Datasheet HTML 114Page - Infineon Technologies AG XC888LM Datasheet HTML 115Page - Infineon Technologies AG XC888LM Datasheet HTML 116Page - Infineon Technologies AG XC888LM Datasheet HTML 117Page - Infineon Technologies AG XC888LM Datasheet HTML 118Page - Infineon Technologies AG XC888LM Datasheet HTML 119Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
108
V0.9, 2006-12
4
Electrical Parameters
Chapter 4 provides the characteristics of the electrical parameters which are
implementation-specific for the XC886/888.
Note: The electrical parameters are valid only for the Flash variants of the XC886. The
electrical parameters for the XC888 Flash and XC886/888 ROM variants will be
added in later versions of the data sheet.
4.1
General Parameters
The general parameters are described here to aid the users in interpreting the
parameters mainly in Section 4.2 and Section 4.3.
4.1.1
Parameter Interpretation
The parameters listed in this section represent partly the characteristics of the
XC886/888 and partly its requirements on the system. To aid interpreting the parameters
easily when evaluating them for a design, they are indicated by the abbreviations in the
“Symbol” column:
•
CC
These parameters indicate Controller Characteristics, which are distinctive features
of the XC886/888 and must be regarded for a system design.
•
SR
These parameters indicate System Requirements, which must be provided by the
microcontroller system in which the XC886/888 is designed in.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com