Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 128 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 128 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 124Page - Infineon Technologies AG XC888LM Datasheet HTML 125Page - Infineon Technologies AG XC888LM Datasheet HTML 126Page - Infineon Technologies AG XC888LM Datasheet HTML 127Page - Infineon Technologies AG XC888LM Datasheet HTML 128Page - Infineon Technologies AG XC888LM Datasheet HTML 129Page - Infineon Technologies AG XC888LM Datasheet HTML 130Page - Infineon Technologies AG XC888LM Datasheet HTML 131Page - Infineon Technologies AG XC888LM Datasheet HTML 132Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
121
V0.9, 2006-12
Table 43
Power Down Current (Operating Conditions apply;
V
DDP = 5V range)
Parameter
Symbol
Limit Values
Unit Test Condition
typ.
1)
1) The typical
I
PDP values are based on preliminary measurements and are to be used as reference only. These
values are measured at
V
DDP =5.0 V.
max.
2)
2) The maximum
I
PDP values are measured at VDDP =5.5 V.
V
DDP = 5V Range
Power-Down Mode
3)
3)
I
PDP has a maximum value of 200 µA at TA = + 125 °C.
I
PDP
110
µA
T
A =+25 °C
4)
4)
I
PDP is measured with: RESET = VDDP, VAGND= VSS, RXD/INT0 = VDDP; rest of the ports are programmed to be
input with either internal pull devices enabled or driven externally to ensure no floating inputs.
-30
µA
T
A =+85 °C
4)5)
5) Not subject to production test, verified by design/characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com