Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 132 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 132 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 128Page - Infineon Technologies AG XC888LM Datasheet HTML 129Page - Infineon Technologies AG XC888LM Datasheet HTML 130Page - Infineon Technologies AG XC888LM Datasheet HTML 131Page - Infineon Technologies AG XC888LM Datasheet HTML 132Page - Infineon Technologies AG XC888LM Datasheet HTML 133Page - Infineon Technologies AG XC888LM Datasheet HTML 134Page - Infineon Technologies AG XC888LM Datasheet HTML 135Page - Infineon Technologies AG XC888LM Datasheet HTML 136Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
125
V0.9, 2006-12
4.3.2
Output Rise/Fall Times
Table 46 provides the characteristics of the output rise/fall times in the XC886/888.
Figure 43
Rise/Fall Times Parameters
Table 46
Output Rise/Fall Times Parameters (Operating Conditions apply)
Parameter
Symbol
Limit
Values
Unit Test Conditions
min. max.
V
DDP = 5V Range
Rise/fall times
1) 2)
1) Rise/Fall time measurements are taken with 10% - 90% of pad supply.
2) Not all parameters are 100% tested, but are verified by design/characterization and test correlation.
t
R, tF
–10
ns
20 pF.
3)
3) Additional rise/fall time valid for
C
L = 20pF - 100pF @ 0.125 ns/pF.
V
DDP = 3.3V Range
Rise/fall times
1) 2)
t
R, tF
–10
ns
20 pF.
4)
4) Additional rise/fall time valid for
C
L = 20pF - 100pF @ 0.225 ns/pF.
tR
10%
90%
10%
90%
tF
VSS
VDDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com