Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 135 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 135 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 131Page - Infineon Technologies AG XC888LM Datasheet HTML 132Page - Infineon Technologies AG XC888LM Datasheet HTML 133Page - Infineon Technologies AG XC888LM Datasheet HTML 134Page - Infineon Technologies AG XC888LM Datasheet HTML 135Page - Infineon Technologies AG XC888LM Datasheet HTML 136Page - Infineon Technologies AG XC888LM Datasheet HTML 137Page - Infineon Technologies AG XC888LM Datasheet HTML 138Page - Infineon Technologies AG XC888LM Datasheet HTML 139Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
128
V0.9, 2006-12
4.3.4
On-Chip Oscillator Characteristics
Table 48 provides the characteristics of the on-chip oscillator in the XC886/888.
Table 48
On-chip Oscillator Characteristics (Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Conditions
min. typ. max.
Nominal frequency
f
NOM
CC
9.36 9.6
9.84
MHz under nominal
conditions
1) after
IFX-backend trimming
1) Nominal condition:
V
DDC =2.5 V, TA =+ 25°C.
Chip-to-chip
frequency deviation
∆f
CC
CC
-2.5
–
2.5
%
with respect to
f
NOM
Long term frequency
deviation
2)
2) Not all parameters are 100% tested, but are verified by design/characterization and test correlation.
∆f
LT
CC
-5.0
–
5.0
%
with respect to
f
NOM, over
lifetime and temperature
(-10
°C to 125°C), for one
given device after
trimming
-6.0
–
0
%
with respect to
f
NOM, over
lifetime and temperature
(-40
°C to
-10
°C), for one given
device after trimming
Short term frequency
deviation
∆f
ST
CC
-1.0
–
1.0
%
with respect to
f
NOM, within
one LIN message
(<10 ms .... 100 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com