Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC888LM Datasheet(PDF) 137 Page - Infineon Technologies AG

Part # XC888LM
Description  8-Bit Single-Chip Microcontroller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC888LM Datasheet(HTML) 137 Page - Infineon Technologies AG

Back Button XC888LM Datasheet HTML 133Page - Infineon Technologies AG XC888LM Datasheet HTML 134Page - Infineon Technologies AG XC888LM Datasheet HTML 135Page - Infineon Technologies AG XC888LM Datasheet HTML 136Page - Infineon Technologies AG XC888LM Datasheet HTML 137Page - Infineon Technologies AG XC888LM Datasheet HTML 138Page - Infineon Technologies AG XC888LM Datasheet HTML 139Page - Infineon Technologies AG XC888LM Datasheet HTML 140Page - Infineon Technologies AG XC888LM Datasheet HTML 141Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 144 page
background image
XC886/888CLM
Electrical Parameters
Data Sheet
130
V0.9, 2006-12
4.3.6
JTAG Timing
Table 50 provides the characteristics of the JTAG timing in the XC886/888.
Figure 46
TCK Clock Timing
Table 50
TCK Clock Timing (Operating Conditions apply; CL = 50 pF)
Parameter
Symbol
Limits
Unit
min
max
TCK clock period
t
TCK
SR
50
-
ns
TCK high time
t
1
SR
20
−
ns
TCK low time
t
2
SR
20
-
ns
TCK clock rise time
t
3
SR
-
4
ns
TCK clock fall time
t
4
SR
-
4
ns
Table 51
JTAG Timing (Operating Conditions apply; CL = 50 pF)
Parameter
Symbol
Limits
Unit
min
max
TMS setup to TCK
t
1
SR
8
-
ns
TMS hold to TCK
t
2
SR
24
-
ns
TDI setup to TCK
t
1
SR
11
-
ns
TDI hold to TCK
t
2
SR
24
-
ns
TDO valid output from TCK
t
3
CC
-
23
ns
TDO high impedance to valid output from TCK
t
4
CC
-
26
ns
TDO valid output to high impedance from TCK
t
5
CC
-
19
ns
TCK
t
4
0.9 V
DDP
t
3
t
1
0.1 V
DDP
t
2
t
TCK
0.5 V
DDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com