Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 91 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 91 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 87Page - STMicroelectronics LDLL16ENTR Datasheet HTML 88Page - STMicroelectronics LDLL16ENTR Datasheet HTML 89Page - STMicroelectronics LDLL16ENTR Datasheet HTML 90Page - STMicroelectronics LDLL16ENTR Datasheet HTML 91Page - STMicroelectronics LDLL16ENTR Datasheet HTML 92Page - STMicroelectronics LDLL16ENTR Datasheet HTML 93Page - STMicroelectronics LDLL16ENTR Datasheet HTML 94Page - STMicroelectronics LDLL16ENTR Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
7.7
CAN FD light compatible - external shared transceiver interface pins
This section describes the electrical characteristics of the interface pins to an external stand-alone shared
transceiver: RX input pin, TX and STB output pins.
RX input pin
Table 68. RX input pin
Symbol
Parameter
Min.
Typ.
Max.
Unit
VRXLOW
Input voltage dominant level threshold
1.0
1.45
(2.0)
V
VRXHIGH
Input voltage recessive level threshold
(1.2)
1.85
2.3
V
VRXHYS
VRXHIGH-VRXLOW
0.2
0.4
0.6
V
RRXPU
RX pull up resistor
20
60
110
kΩ
CRX
RX Input capacitance; guarantee by design
5
pF
TX output pin
The TX pin is an open drain output, which also actively pulls high (recessive) during data transmission, except for
the ACK delimiter.
Table 69. TX output pin
Symbol
Parameter
Operating condition
Min.
Typ.
Max.
Unit
VTXLOW Output voltage dominant level
Active mode, ITX = 5.6 mA
0.05
0.2
0.5
V
VTXHIGH Output voltage recessive level
Active mode, ITX = -2 mA
V_IO -0.5 V_IO -0.2 V_IO - 0.05
V
tr,TX
TX rise time; guarantee by design
CL = 50 pF, 30% - 70% VTX
25
ns
tf,TX
TX fall time; guarantee by design
CL = 50 pF, 70% - 30% VTX
25
ns
CTX
TX utoput capacitance; guarantee by design
5
pF
STB output pin
The STB pin is a programmable open-drain pin which is either actively pulling high or low.
Table 70. STB output pin
Symbol
Parameter
Operating condition
Min.
Typ.
Max.
Unit
VSTBHIGH Output voltage high level
Active mode, ISTB = -2 mA; when actively
pulling low
V_IO-0.5
V_IO
-0.2
V_IO - 0.05
V
VSTBLOW Output voltage low level
Active mode, ISTB = 2 mA; when actively pulling
high
0.05
0.2
0.5
V
tr,STB
STB rise time (1)
CL = 50 pF, 30% - 70% VSTB
250
ns
tf,STB
STB fall time (1)
CL = 50 pF, 70% - 30% VSTB
250
ns
1. Guarantee by design.
LDLL16EN
Electrical characteristics
DS14111 - Rev 5
page 91/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com