Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDLL16ENTR Datasheet(PDF) 90 Page - STMicroelectronics

Part # LDLL16ENTR
Description  16-channel LED driver with automotive CAN FD light interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDLL16ENTR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button LDLL16ENTR Datasheet HTML 86Page - STMicroelectronics LDLL16ENTR Datasheet HTML 87Page - STMicroelectronics LDLL16ENTR Datasheet HTML 88Page - STMicroelectronics LDLL16ENTR Datasheet HTML 89Page - STMicroelectronics LDLL16ENTR Datasheet HTML 90Page - STMicroelectronics LDLL16ENTR Datasheet HTML 91Page - STMicroelectronics LDLL16ENTR Datasheet HTML 92Page - STMicroelectronics LDLL16ENTR Datasheet HTML 93Page - STMicroelectronics LDLL16ENTR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
Table 66. ADC characteristics
Symbol
Parameter
Min. Typ. Max. Unit
ADCRES
ADC resolution
8
bit
ADCCONV_TIME
ADC conversion time
1.6
µs
ADCFS_VOUTx
ADC full scale for VOUTx
20
V
ADCSTEP_VOUTx
ADC step for VOUTx
78.4
mV
ADCFS_VPREG
ADC full scale for VPREG
20
V
ADCSTEP_ VPREG
ADC step for VPREG
78.4
mV
ADCFS_VS
ADC full scale for VS
40
V
ADCSTEP_ VS
ADC step for VS
157
mV
ADCFS_VNTC
ADC full scale for VNTC
2.5
V
ADCSTEP_ VNTC
ADC step for VNTC
10
mV
ADCFS_TJ
ADC full scale for TJ
2.5
V
ADCSTEP_ TJ
ADC step for TJ
10
mV
ADCGAIN_ERR
Full path gain error for measurements via VOUTx, VPREG, VS, VNTC
TBD
TBD
%
ADCINTRINSIC_ACCURACY ADC reading accuracy for NTC, TJ - including offset, INL, DNL
-3
3
LSB
ADCVOLTAGE_ACCURACY ADC reading accuracy for VOUTx, VPREG, VS - including offset, INL, DNL
-6
6
LSB
Table 67. Digital I/O characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDIN_L
VFAULT_L
VSYNC_IO_L
VCS_L
Low logic level
0.3 * V3V3
V
VDIN_H
VFAULT_H
VSYNC_IO_H
VCS_H
High logic level
0.7 * V3V3
V3V3
V
RPullUp_FAULT
FAULT pin - integrated pull up resistor
500
kΩ
IFAULT
FAULT pin - sinking current
(FAULT active low)
10
mA
RON_FAULT
FAULT pin - open drain NMOS RDSon
(FAULT active low)
100
Ω
ILEAKFAULT
FAULT pin - open drain NMOS leakage
(no FAULT active)
1
µA
LDLL16EN
Electrical characteristics
DS14111 - Rev 5
page 90/102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com